전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM25L16-G 데이터시트(PDF) 4 Page - Ramtron International Corporation

부품명 FM25L16-G
상세설명  16Kb FRAM Serial 3V Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RAMTRON [Ramtron International Corporation]
홈페이지  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25L16-G 데이터시트(HTML) 4 Page - Ramtron International Corporation

  FM25L16-G Datasheet HTML 1Page - Ramtron International Corporation FM25L16-G Datasheet HTML 2Page - Ramtron International Corporation FM25L16-G Datasheet HTML 3Page - Ramtron International Corporation FM25L16-G Datasheet HTML 4Page - Ramtron International Corporation FM25L16-G Datasheet HTML 5Page - Ramtron International Corporation FM25L16-G Datasheet HTML 6Page - Ramtron International Corporation FM25L16-G Datasheet HTML 7Page - Ramtron International Corporation FM25L16-G Datasheet HTML 8Page - Ramtron International Corporation FM25L16-G Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
FM25L16
Rev. 3.0
Aug. 2006
Page 4 of 14
SPI
Microcontroller
FM25L16
SO
SI
SCK
CS
HOLD
FM25L16
SO
SI SCK
CS
HOLD
SCK
MOSI
MISO
SS1
SS2
HOLD1
HOLD2
MOSI : Master Out Slave In
MISO : Master In Slave Out
SS : Slave Select
Figure 2. System Configuration with SPI port
Microcontroller
FM25L16
SO SI
SCK
CS
HOLD
P1.0
P1.1
P1.2
Figure 3. System Configuration without SPI port
SPI Mode 0: CPOL=0, CPHA=0
0
1
2
3
4
5
6
7
SPI Mode 3: CPOL=1, CPHA=1
0
1
2
3
4
5
6
7
Figure 4. SPI Modes 0 & 3


유사한 부품 번호 - FM25L16-G

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FM25L16-G ETC-FM25L16-G Datasheet
149Kb / 14P
   16Kb FRAM Serial 3V Memory
More results

유사한 설명 - FM25L16-G

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FM24CL16 ETC-FM24CL16 Datasheet
90Kb / 13P
   16Kb FRAM Serial 3V Memory
FM25L16 ETC-FM25L16 Datasheet
149Kb / 14P
   16Kb FRAM Serial 3V Memory
FM25160 ETC-FM25160 Datasheet
638Kb / 14P
   16Kb FRAM Serial Memory
FM24C16A ETC1-FM24C16A Datasheet
93Kb / 13P
   16Kb FRAM Serial Memory
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C16A RAMTRON-FM24C16A_05 Datasheet
93Kb / 12P
   16Kb FRAM Serial Memory
FM25C160 RAMTRON-FM25C160 Datasheet
149Kb / 13P
   16Kb FRAM Serial Memory
FM24CL16 RAMTRON-FM24CL16_05 Datasheet
107Kb / 13P
   16Kb FRAM Se rial 3V Memory
FM25L512 RAMTRON-FM25L512 Datasheet
163Kb / 13P
   512Kb FRAM Serial 3V Memory
FM25CL64 RAMTRON-FM25CL64 Datasheet
131Kb / 13P
   64Kb FRAM Serial 3V Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com