전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KKA3654 데이터시트(PDF) 3 Page - KODENSHI_AUK CORP.

부품명 KKA3654
상세설명  VERTICAL DEFLECTION AND GUARD CIRCUIT (110째)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KODENSHI [KODENSHI_AUK CORP.]
홈페이지  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KKA3654 데이터시트(HTML) 3 Page - KODENSHI_AUK CORP.

  KKA3654 Datasheet HTML 1Page - KODENSHI_AUK CORP. KKA3654 Datasheet HTML 2Page - KODENSHI_AUK CORP. KKA3654 Datasheet HTML 3Page - KODENSHI_AUK CORP. KKA3654 Datasheet HTML 4Page - KODENSHI_AUK CORP. KKA3654 Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CHARACTERISTICS
Tamb = 25
oC, supply voltage (V9-4) = 26 V; unless otherwise stated; pin 1 externally connected to
pin 3. Pins 2 and 4 externally connected to ground.
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply
Supply voltage, pin 9 (note 2)
V9-4
10
40
V
Supply voltage output stage
V6-4
60
V
Supply current, pins
6 and 9 (note 3)
I6+I9
35
55
85
mA
Quiescent current
I4
25
40
65
mA
Variation of quiescent current
with temperature
TC
0,04
mA/K
Output current
Output current, pin 5
(peak-to-peak)
I5(p-p)
2,5
3
A
Output current flyback
generator, pin 8
I8(p-p)
1,25
1,5
A
I
8(p-p)
1,35
1,6
A
Output voltage
Peak voltage during flyback
V5-4
60
V
Saturation voltage to supply
at I5 = 1,5 A
V6-5(sat)
2,5
3,2
V
at I5 = 1,5 A (note 4)
V5-6(sat)
2,5
3,2
V
at I5 = 1,2 A
V6-5(sat)
2,2
2,7
V
at I5 = 1,2 A (note 4)
V5-6(sat)
2,3
2,8
V
Saturation voltage to ground
at I5 = 1,2 A
V5-4(sat)
2,2
2,7
V
at I5 = 1,5 A
V5-4(sat)
2,5
3,2
V
Flyback generator
Saturation voltage
at I8 = 1,6 A
V9-8(sat)
1,6
2,1
V
at I8 = 1,5 A (note 4)
V8-9(sat)
2,3
3
V
at I8 = 1,3 A
V9-8(sat)
1,4
1,9
V
at I8 = 1,2 A (note 4)
V8-9(sat)
2,2
2,7
V
Leakage current at pin 8
I8
5
100
µA
Flyback generator active if:
V5-9
4
V
Input
Input current, pin 1,
for I5 = 1,5 A
I1
0,33
0,55
mA
Input voltage during scan, pin 1
V1-2
2,35
3
V
Input current, pin 3, during scan (note 5)
I3
0,03
mA
Input voltage, pin 3, during scan (note 5)
V3-2
0,8
V9-4
V
Input voltage, pin 1, during flyback
V1-2
250
mV
Input voltage, pin 3, during flyback
V3-2
250
mV
Guard circuit
Output voltage, pin 7 RL = 100 k Ω (note 8)
V7-2
4,1
4,5
5,8
V
Output voltage, pin 7 at IL = 0,5 mA (note 8)
V7-2
3,4
3,9
5,3
V
Internal series resistance of pin 7
Ri7
0,95
1,35
1,7
k
Guard circuit activates (note 6)
V8-2
1,0
V
General data
Thermal protection activation
range
Tj
158
175
192
oC
3
KKA3654


유사한 부품 번호 - KKA3654

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
KKA3010 KODENSHI-KKA3010 Datasheet
830Kb / 9P
   INFRARED REMOTE CONTROL TRANSMITTER RC-5
KKA3010DW KODENSHI-KKA3010DW Datasheet
830Kb / 9P
   INFRARED REMOTE CONTROL TRANSMITTER RC-5
KKA3010N KODENSHI-KKA3010N Datasheet
830Kb / 9P
   INFRARED REMOTE CONTROL TRANSMITTER RC-5
logo
FCI connector
KKA31U-2N FCI-CONNECTOR-KKA31U-2N Datasheet
85Kb / 1P
   UNIVERSAL TERMINAL
KKA31U-2N FCI-CONNECTOR-KKA31U-2N Datasheet
85Kb / 1P
   UNIVERSAL TERMINAL
More results

유사한 설명 - KKA3654

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA3654 PHILIPS-TDA3654 Datasheet
118Kb / 14P
   Vertical deflection and guard circuit 110째
March 1991
logo
Integral Corp.
ILA3654 INTEGRAL-ILA3654 Datasheet
173Kb / 3P
   VERTICAL DEFLECTION AND GUARD CIRCUIT
logo
NXP Semiconductors
TDA3653B PHILIPS-TDA3653B Datasheet
118Kb / 13P
   VERTICAL DEFLECTION AND GUARD CIRCUIT 90째
March 1991
TDA3653B PHILIPS-TDA3653B Datasheet
118Kb / 13P
   Vertical deflection and guard circuit 90째
March 1991
logo
STMicroelectronics
TDA8218 STMICROELECTRONICS-TDA8218 Datasheet
120Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
September 1993
TDA8214B STMICROELECTRONICS-TDA8214B Datasheet
160Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
TDA8215B STMICROELECTRONICS-TDA8215B Datasheet
145Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
September 1993
TDA1770A STMICROELECTRONICS-TDA1770A Datasheet
592Kb / 13P
   VERTICAL DEFLECTION CIRCUIT
TDA8174A STMICROELECTRONICS-TDA8174A_03 Datasheet
119Kb / 7P
   VERTICAL DEFLECTION CIRCUIT
TDA1670A STMICROELECTRONICS-TDA1670A Datasheet
604Kb / 15P
   VERTICAL DEFLECTION CIRCUIT
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com