전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74VHC08M 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 74VHC08M
상세설명  Quad 2-Input AND Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC08M 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  74VHC08M Datasheet HTML 1Page - Fairchild Semiconductor 74VHC08M Datasheet HTML 2Page - Fairchild Semiconductor 74VHC08M Datasheet HTML 3Page - Fairchild Semiconductor 74VHC08M Datasheet HTML 4Page - Fairchild Semiconductor 74VHC08M Datasheet HTML 5Page - Fairchild Semiconductor 74VHC08M Datasheet HTML 6Page - Fairchild Semiconductor 74VHC08M Datasheet HTML 7Page - Fairchild Semiconductor 74VHC08M Datasheet HTML 8Page - Fairchild Semiconductor 74VHC08M Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
©1992 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC08 Rev. 1.3
5
AC Electrical Characteristics
Note:
4. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load. Average operating current can be obtained by the equation:
ICC (opr.) = CPD • VCC • fIN + ICC / 4 (per gate).
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
TA = –40°C
to +85°C
Units
Min.
Typ.
Max.
Min.
Max.
tPHL, tPLH
Propagation Delay
3.3 ± 0.3
CL = 15pF
6.2
8.8
1.0
10.5
ns
CL = 50pF
8.7
12.3
1.0
14.0
5.0 ± 0.5
CL = 15pF
4.3
5.9
1.0
7.0
ns
CL = 50pF
5.8
7.9
1.0
9.0
CIN
Input Capacitance
VCC = Open
4
10
10
pF
CPD
Power Dissipation
Capacitance
(4)
18
pF


유사한 부품 번호 - 74VHC08M

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74VHC08M STMICROELECTRONICS-74VHC08M Datasheet
53Kb / 7P
   QUAD 2-INPUT AND GATE
June 1999
logo
Fairchild Semiconductor
74VHC08M FAIRCHILD-74VHC08M Datasheet
75Kb / 7P
   Quad 2-Input AND Gate
logo
STMicroelectronics
74VHC08M STMICROELECTRONICS-74VHC08M Datasheet
148Kb / 8P
   QUAD 2-INPUT AND GATE
logo
ON Semiconductor
74VHC08M ONSEMI-74VHC08M Datasheet
580Kb / 6P
   Quad 2-Input AND Gate
August-2017, Rev. 2
74VHC08M ONSEMI-74VHC08M Datasheet
270Kb / 8P
   Quad 2-Input AND Gate
June, 2019 ??Rev. 3
More results

유사한 설명 - 74VHC08M

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
   Quad 2-Input AND Gate
logo
Integral Corp.
IN74HC08 INTEGRAL-IN74HC08 Datasheet
74Kb / 4P
   Quad 2-Input AND Gate
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
   QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
   Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
   Quad 2-Input AND Gate
1999 REV 0
logo
Integral Corp.
IN74LV08 INTEGRAL-IN74LV08 Datasheet
58Kb / 5P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
   QUAD 2-INPUT AND GATE
logo
AVG Semiconductors(HITE...
DV74ACT08 AVG-DV74ACT08 Datasheet
237Kb / 3P
   Quad 2-Input AND Gate
logo
KODENSHI_AUK CORP.
KK74VHCT08 KODENSHI-KK74VHCT08 Datasheet
268Kb / 6P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
   QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com