전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B57871 데이터시트(PDF) 5 Page - EPCOS

부품명 B57871
상세설명  NTC thermistors for temperature measurement
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

B57871 데이터시트(HTML) 5 Page - EPCOS

  B57871 Datasheet HTML 1Page - EPCOS B57871 Datasheet HTML 2Page - EPCOS B57871 Datasheet HTML 3Page - EPCOS B57871 Datasheet HTML 4Page - EPCOS B57871 Datasheet HTML 5Page - EPCOS B57871 Datasheet HTML 6Page - EPCOS B57871 Datasheet HTML 7Page - EPCOS B57871 Datasheet HTML 8Page - EPCOS B57871 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
B57871S0212F000
R/T No.
1008
T (
°C)
B25/100 = 3560 K, R25 = 2100
Ω, T
R = 25
°C, ∆R
R/RR =
± 1%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
140.0
72.69
69.51
75.87
4.4
2.0
2.2
145.0
65.20
62.28
68.12
4.5
2.1
2.1
150.0
58.61
55.93
61.29
4.6
2.2
2.1
155.0
52.91
50.43
55.38
4.7
2.3
2.0
B57871S0212H000
R/T No.
1008
T (
°C)
B25/100 = 3560 K, R25 = 2100
Ω, T
R = 25
°C, ∆R
R/RR =
± 3%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
55.0
111520
103230
119800
7.4
1.2
6.1
50.0
82567
76735
88399
7.1
1.2
6.0
45.0
61583
57449
65717
6.7
1.2
5.8
40.0
46263
43312
49214
6.4
1.1
5.7
35.0
34999
32879
37120
6.1
1.1
5.5
30.0
26661
25128
28194
5.8
1.1
5.4
25.0
20423
19308
21537
5.5
1.0
5.2
20.0
15786
14969
16602
5.2
1.0
5.1
15.0
12254
11654
12854
4.9
1.0
4.9
10.0
9594
9149
10039
4.6
1.0
4.8
5.0
7570
7238
7903
4.4
0.9
4.7
0.0
6020
5770
6269
4.1
0.9
4.5
5.0
4811
4622
4999
3.9
0.9
4.4
10.0
3872
3729
4014
3.7
0.9
4.3
15.0
3133
3025
3242
3.5
0.8
4.1
20.0
2552
2469
2635
3.3
0.8
4.0
25.0
2100
2037
2163
3.0
0.8
3.9
30.0
1742
1686
1799
3.2
0.9
3.8
35.0
1441
1392
1491
3.4
0.9
3.7
40.0
1199
1156
1243
3.6
1.0
3.6
45.0
1008
970.0
1047
3.8
1.1
3.5
50.0
851.4
817.6
885.3
4.0
1.2
3.4
55.0
717.6
687.9
747.3
4.1
1.2
3.3
60.0
608.0
581.8
634.2
4.3
1.3
3.2
65.0
519.0
495.8
542.2
4.5
1.4
3.1
70.0
444.8
424.3
465.4
4.6
1.5
3.1
75.0
382.1
363.9
400.3
4.8
1.6
3.0
80.0
329.3
313.1
345.5
4.9
1.7
2.9
85.0
285.4
271.0
299.8
5.1
1.8
2.8
90.0
248.3
235.4
261.1
5.2
1.9
2.8
Temperature measurement
B57871
Leaded NTCs, lead spacing 2.5 mm
S871
Page 5 of 25
Please read Important notes and
Cautions and warnings at the end of this document.


유사한 부품 번호 - B57871

제조업체부품명데이터시트상세설명
logo
EPCOS
B57871S EPCOS-B57871S Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
B57871S0103+001 EPCOS-B57871S0103+001 Datasheet
62Kb / 3P
   Temperature Measurement
logo
TDK Electronics
B57871S0103+001 TDK-B57871S0103+001 Datasheet
566Kb / 27P
   Leaded NTC thermistors
logo
EPCOS
B57871S0103+002 EPCOS-B57871S0103+002 Datasheet
62Kb / 3P
   Temperature Measurement
logo
TDK Electronics
B57871S0103+002 TDK-B57871S0103+002 Datasheet
566Kb / 27P
   Leaded NTC thermistors
More results

유사한 설명 - B57871

제조업체부품명데이터시트상세설명
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
B57442V5472H062 EPCOS-B57442V5472H062 Datasheet
455Kb / 19P
   NTC thermistors for temperature measurement
G1550 EPCOS-G1550 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
G1565 EPCOS-G1565 Datasheet
412Kb / 20P
   NTC thermistors for temperature measurement
S885 EPCOS-S885 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
S981 EPCOS-S981 Datasheet
537Kb / 27P
   NTC thermistors for temperature measurement
B57861S103F40 EPCOS-B57861S103F40 Datasheet
422Kb / 20P
   NTC thermistors for temperature measurement
B57867S0202F140 EPCOS-B57867S0202F140 Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57871S0212F000 EPCOS-B57871S0212F000 Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com