전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74HC40103 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 CD74HC40103
상세설명  High-Speed CMOS Logic 8-Stage Synchronous Down Counters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD74HC40103 데이터시트(HTML) 7 Page - Texas Instruments

Back Button CD74HC40103 Datasheet HTML 3Page - Texas Instruments CD74HC40103 Datasheet HTML 4Page - Texas Instruments CD74HC40103 Datasheet HTML 5Page - Texas Instruments CD74HC40103 Datasheet HTML 6Page - Texas Instruments CD74HC40103 Datasheet HTML 7Page - Texas Instruments CD74HC40103 Datasheet HTML 8Page - Texas Instruments CD74HC40103 Datasheet HTML 9Page - Texas Instruments CD74HC40103 Datasheet HTML 10Page - Texas Instruments CD74HC40103 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
MR to TC
tPLH,
tPHL
CL = 50pF
4.5
-
-
55
-
69
-
83
ns
CL = 15pF
5
-
23
-
-
-
-
-
ns
Output Transition Time
tTHL,tTLH
CL = 50pF
4.5
-
-
15
-
19
-
22
ns
Input Capacitance
CIN
CL = 50pF
-
-
-
10
-
10
-
10
pF
CP Maximum Frequency
fMAX
CL = 15pF
5
-
25
-
-
-
-
-
MHz
Power Dissipation Capacitance
(Notes 4, 5)
CPD
-5
-
27
-
-
-
-
-
pF
NOTES:
3. Noncascaded operation only. With cascaded counters clock-to-terminal count propagation delays, count enables (PE or TE)-to-clock SET
UP TIMES, and count enables (PE or TE)-to-clock HOLD TIMES determine maximum clock frequency. For example, with these HC de-
vices:
4. CPD is used to determine the dynamic power consumption, per package.
5. PD = VCC
2 f
i + CL VCC
2 f
o where fi = Input Frequency, CL = Output Load Capacitance, VCC = Supply Voltage, fo = Output Frequency.
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
C
P fMAX
1
CP-to-TC prop delay + TE-to-CP Setup Time + TE-to-CP Hold Time
------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------
1
60
30
0
++
-----------------------------
11MHz
==
Timing Diagrams
FIGURE 1.
CP
MR
TE
PE
PL
P0
P1
P2
P3
P4
P5
P6
TC
P7
HC/HCT40103 COUNT
255 254
3
2
1
0
255 254 254 253
8
7
6
5
4
255
254 253
252
CD54HC40103, CD74HC40103, CD74HCT40103


유사한 부품 번호 - CD74HC40103

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HC40103 TI-CD74HC40103 Datasheet
45Kb / 9P
[Old version datasheet]   High Speed CMOS Logic 8-Stage Synchronous Down Counters
CD74HC40103 TI-CD74HC40103 Datasheet
279Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD74HC40103 TI-CD74HC40103 Datasheet
158Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD74HC40103 TI-CD74HC40103 Datasheet
454Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD74HC40103-EP TI1-CD74HC40103-EP Datasheet
395Kb / 14P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC 8-STAGE SYNCHRONOUS DOWN COUNTER
More results

유사한 설명 - CD74HC40103

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD54HC40103 TI-CD54HC40103_08 Datasheet
454Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD54HC40103 TI-CD54HC40103_03 Datasheet
158Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD54HC40103 TI-CD54HC40103 Datasheet
279Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD74HC40103 TI-CD74HC40103 Datasheet
45Kb / 9P
[Old version datasheet]   High Speed CMOS Logic 8-Stage Synchronous Down Counters
CD74HC40103-EP TI1-CD74HC40103-EP Datasheet
395Kb / 14P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC 8-STAGE SYNCHRONOUS DOWN COUNTER
logo
Intersil Corporation
CD40102BMS INTERSIL-CD40102BMS Datasheet
166Kb / 13P
   CMOS 8-Stage Presettable Synchronous Down Counters
December 1992
logo
Texas Instruments
CD40102B TI-CD40102B Datasheet
572Kb / 14P
[Old version datasheet]   CMOS 8-STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
CD40102B TI1-CD40102B_15 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS 8-stage Presettable Synchronous Down Counters
logo
STMicroelectronics
HCC40102B STMICROELECTRONICS-HCC40102B Datasheet
270Kb / 13P
   8-STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
M54HC40102 STMICROELECTRONICS-M54HC40102 Datasheet
300Kb / 14P
   8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com