전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP354PBF 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRFP354PBF
상세설명  HEXFET짰PowerMOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP354PBF 데이터시트(HTML) 1 Page - International Rectifier

  IRFP354PBF Datasheet HTML 1Page - International Rectifier IRFP354PBF Datasheet HTML 2Page - International Rectifier IRFP354PBF Datasheet HTML 3Page - International Rectifier IRFP354PBF Datasheet HTML 4Page - International Rectifier IRFP354PBF Datasheet HTML 5Page - International Rectifier IRFP354PBF Datasheet HTML 6Page - International Rectifier IRFP354PBF Datasheet HTML 7Page - International Rectifier IRFP354PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
IRFP354PbF
PD- 95715
8/3/04
• Lead-Free


유사한 부품 번호 - IRFP354PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP354 IRF-IRFP354 Datasheet
204Kb / 8P
   Power MOSFET(Vdss=450V, Rds(on)=0.35ohm, Id=14A)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com