전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP32N50KPBF 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRFP32N50KPBF
상세설명  HEXFET Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.135廓 , ID = 32A )
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP32N50KPBF 데이터시트(HTML) 2 Page - International Rectifier

  IRFP32N50KPBF Datasheet HTML 1Page - International Rectifier IRFP32N50KPBF Datasheet HTML 2Page - International Rectifier IRFP32N50KPBF Datasheet HTML 3Page - International Rectifier IRFP32N50KPBF Datasheet HTML 4Page - International Rectifier IRFP32N50KPBF Datasheet HTML 5Page - International Rectifier IRFP32N50KPBF Datasheet HTML 6Page - International Rectifier IRFP32N50KPBF Datasheet HTML 7Page - International Rectifier IRFP32N50KPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRFP32N50KPbF
2
www.irf.com
Symbol
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
500
––– –––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.54 –––
V/°C Reference to 25°C, ID = 1mA
†
RDS(on)
Static Drain-to-Source On-Resistance
––– 0.135 0.16
VGS = 10V, ID = 32A
„
VGS(th)
Gate Threshold Voltage
3.0
–––
5.0
V
VDS = VGS, ID = 250µA
–––
–––
50
µA
VDS = 500V, VGS = 0V
–––
––– 250
µA
VDS = 400V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
––– 100
VGS = 30V
Gate-to-Source Reverse Leakage
–––
––– -100
nA
VGS = -30V
Static @ TJ = 25°C (unless otherwise specified)
IGSS
IDSS
Drain-to-Source Leakage Current
 Repetitive rating; pulse width limited by
max. junction temperature.
ƒ ISD ≤ 32A, di/dt ≤ 197A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
Notes:
‚ Starting TJ = 25°C, L = 0.87mH, RG = 25Ω,
IAS = 32A,
„ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
14
––– –––
S
VDS = 50V, ID = 32A
Qg
Total Gate Charge
–––
–––
190
ID = 32A
Qgs
Gate-to-Source Charge
–––
–––
59
nC
VDS = 400V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
84
VGS = 10V
„
td(on)
Turn-On Delay Time
–––
28
–––
VDD = 250V
tr
Rise Time
–––
120 –––
ID = 32A
td(off)
Turn-Off Delay Time
–––
48
–––
RG = 4.3Ω
tf
Fall Time
–––
54
–––
VGS = 10V
„
Ciss
Input Capacitance
–––
5280 –––
VGS = 0V
Coss
Output Capacitance
–––
550 –––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
45
–––
pF
ƒ = 1.0MHz, See Fig. 5
Coss
Output Capacitance
–––
5630 –––
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
–––
155 –––
VGS = 0V, VDS = 400V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
–––
265 –––
VGS = 0V, VDS = 0V to 400V
…
Dynamic @ TJ = 25°C (unless otherwise specified)
ns
Symbol
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
––– –––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

––– –––
p-n junction diode.
VSD
Diode Forward Voltage
––– –––
1.5
V
TJ = 25°C, IS = 32A, VGS = 0V
„
trr
Reverse Recovery Time
––– 530
800
ns
TJ = 25°C, IF = 32A
Qrr
Reverse RecoveryCharge
–––
9.0 13.5
µC
di/dt = 100A/µs
„
IRRM
Reverse RecoveryCurrent
–––
30
–––
A
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
S
D
G
Diode Characteristics
32
130
A
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.


유사한 부품 번호 - IRFP32N50KPBF

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRFP32N50KPBF VISHAY-IRFP32N50KPBF Datasheet
150Kb / 8P
   Power MOSFET
S-81361-Rev. B, 07-Jul-08
IRFP32N50KPBF VISHAY-IRFP32N50KPBF Datasheet
205Kb / 11P
   Power MOSFET
09-Jul-2021
More results

유사한 설명 - IRFP32N50KPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP32N50K IRF-IRFP32N50K Datasheet
94Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.135ohm, Id=32A)
IRFP23N50LPBF IRF-IRFP23N50LPBF Datasheet
202Kb / 9P
   HEXFET Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.190廓 , Trr typ. = 170ns , ID = 23A )
IRFR420PBF IRF-IRFR420PBF Datasheet
857Kb / 10P
   HEXFET POWER MOSFET ( VDSS = 500V , RDS(on) = 3.0廓 , ID = 2.4A )
IRFP22N50APBF IRF-IRFP22N50APBF Datasheet
191Kb / 8P
   HEXFET Power MOSFET ( VDSS = 500V , RDS(on)max = 0.23廓 , ID = 22A )
IRFR420APBF IRF-IRFR420APBF Datasheet
225Kb / 10P
   HEXFET Power MOSFET ( VDSS = 500V , RDS(on) max = 3.0廓 , ID = 3.3A )
IRFPS37N50APBF IRF-IRFPS37N50APBF Datasheet
147Kb / 9P
   HEXFET Power MOSFET ( VDSS = 500V , RDS(on)max = 0.13廓 , ID = 36A )
IRFPS43N50KPBF IRF-IRFPS43N50KPBF Datasheet
130Kb / 8P
   HEXFET짰 Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.078廓 , ID = 47A )
IRFB17N50LPBF IRF-IRFB17N50LPBF Datasheet
180Kb / 8P
   SMPS MOSFET ( VDSS=500V , RDS(on)typ.=0.28廓 , ID=16A )
IRFP17N50L IRF-IRFP17N50L Datasheet
91Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFPS43N50K IRF-IRFPS43N50K Datasheet
99Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.078ohm, Id=47A)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com