전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP32N50KPBF 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRFP32N50KPBF
상세설명  HEXFET Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.135廓 , ID = 32A )
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP32N50KPBF 데이터시트(HTML) 1 Page - International Rectifier

  IRFP32N50KPBF Datasheet HTML 1Page - International Rectifier IRFP32N50KPBF Datasheet HTML 2Page - International Rectifier IRFP32N50KPBF Datasheet HTML 3Page - International Rectifier IRFP32N50KPBF Datasheet HTML 4Page - International Rectifier IRFP32N50KPBF Datasheet HTML 5Page - International Rectifier IRFP32N50KPBF Datasheet HTML 6Page - International Rectifier IRFP32N50KPBF Datasheet HTML 7Page - International Rectifier IRFP32N50KPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRFP32N50KPbF
2/26/04
www.irf.com
1
SMPS MOSFET
HEXFET® Power MOSFET
VDSS
RDS(on)typ.
ID
500V
0.135
32A
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
32
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
20
A
IDM
Pulsed Drain Current

130
PD @TC = 25°C
Power Dissipation
460
W
Linear Derating Factor
3.7
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
ƒ
13
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300
(1.6mm from case )
°C
Mounting torque, 6-32 or M3 screw
10lb*in (1.1N*m)
Absolute Maximum Ratings
TO-247AC
Symbol
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚
–––
450
mJ
IAR
Avalanche Current

–––
32
A
EAR
Repetitive Avalanche Energy

–––
46
mJ
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.26
RθCS
Case-to-Sink, Flat, Greased Surface
0.24
–––
°C/W
RθJA
Junction-to-Ambient
–––
40
Thermal Resistance
Avalanche Characteristics
l Switch Mode Power Supply (SMPS)
l Uninterruptible Power Supply
l High Speed Power Switching
l Hard Switched and High Frequency
Circuits
l Lead-Free
Benefits
Applications
l Low Gate Charge Qg results in Simple
Drive Requirement
l Improved Gate, Avalanche and Dynamic
dv/dt Ruggedness
l Fully Characterized Capacitance and
Avalanche Voltage and Current
l Low RDS(on)
PD - 95052


유사한 부품 번호 - IRFP32N50KPBF

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRFP32N50KPBF VISHAY-IRFP32N50KPBF Datasheet
150Kb / 8P
   Power MOSFET
S-81361-Rev. B, 07-Jul-08
IRFP32N50KPBF VISHAY-IRFP32N50KPBF Datasheet
205Kb / 11P
   Power MOSFET
09-Jul-2021
More results

유사한 설명 - IRFP32N50KPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP32N50K IRF-IRFP32N50K Datasheet
94Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.135ohm, Id=32A)
IRFP23N50LPBF IRF-IRFP23N50LPBF Datasheet
202Kb / 9P
   HEXFET Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.190廓 , Trr typ. = 170ns , ID = 23A )
IRFR420PBF IRF-IRFR420PBF Datasheet
857Kb / 10P
   HEXFET POWER MOSFET ( VDSS = 500V , RDS(on) = 3.0廓 , ID = 2.4A )
IRFP22N50APBF IRF-IRFP22N50APBF Datasheet
191Kb / 8P
   HEXFET Power MOSFET ( VDSS = 500V , RDS(on)max = 0.23廓 , ID = 22A )
IRFR420APBF IRF-IRFR420APBF Datasheet
225Kb / 10P
   HEXFET Power MOSFET ( VDSS = 500V , RDS(on) max = 3.0廓 , ID = 3.3A )
IRFPS37N50APBF IRF-IRFPS37N50APBF Datasheet
147Kb / 9P
   HEXFET Power MOSFET ( VDSS = 500V , RDS(on)max = 0.13廓 , ID = 36A )
IRFPS43N50KPBF IRF-IRFPS43N50KPBF Datasheet
130Kb / 8P
   HEXFET짰 Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.078廓 , ID = 47A )
IRFB17N50LPBF IRF-IRFB17N50LPBF Datasheet
180Kb / 8P
   SMPS MOSFET ( VDSS=500V , RDS(on)typ.=0.28廓 , ID=16A )
IRFP17N50L IRF-IRFP17N50L Datasheet
91Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFPS43N50K IRF-IRFPS43N50K Datasheet
99Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.078ohm, Id=47A)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com