전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

XC6401FF01MR 데이터시트(PDF) 2 Page - Torex Semiconductor

부품명 XC6401FF01MR
부품 상세설명  Dual LDO Regulators, Low ESR Cap. Compatible
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOREX [Torex Semiconductor]
홈페이지  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6401FF01MR 데이터시트(HTML) 2 Page - Torex Semiconductor

  XC6401FF01MR Datasheet HTML 1Page - Torex Semiconductor XC6401FF01MR Datasheet HTML 2Page - Torex Semiconductor XC6401FF01MR Datasheet HTML 3Page - Torex Semiconductor XC6401FF01MR Datasheet HTML 4Page - Torex Semiconductor XC6401FF01MR Datasheet HTML 5Page - Torex Semiconductor XC6401FF01MR Datasheet HTML 6Page - Torex Semiconductor XC6401FF01MR Datasheet HTML 7Page - Torex Semiconductor XC6401FF01MR Datasheet HTML 8Page - Torex Semiconductor XC6401FF01MR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2/24
XC6401 Series
PIN NUMBER
SOT-26W
USP-6B/C
PIN NAME
FUNCTION
1
3
EN1
ON/OFF Control 1
2
2
VIN
Power Input
3
1
EN2
ON/OFF Control 2
4
6
VOUT2
Output 2
5
4
VSS
Ground
6
5
VOUT1
Output 1
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
E
: High Active with pull-down resistor
F
: High Active with no pull-down resistor
G
: Low Active with pull-up resistor
Regulator1,
EN type
H
: Low Active with no pull-up resistor
E
: High Active with pull-down resistor
F
: High Active with no pull-down resistor
G
: Low Active with pull-up resistor
Regulator2,
EN type
H
: Low Active with no pull-up resistor
③④
Output Voltage
01~
: Internally set sequential number relating output voltage of
each regulators
Regulator 1 Output Voltage Range: 0.8 ~ 5.0 V (50mV increments)
Regulator 2 Output Voltage Range: 0.8 ~ 5.0 V (50mV increments)
M
: SOT-26W
D
: USP-6B
Packaging Types
E
: USP-6C
R
: Embossed tape, standard feed
Device Orientation
L
: Embossed tape, reverse feed
PIN CONFIGURATION
PIN ASSIGNMENT
PRODUCT CLASSIFICATION
Selection Guide
Ordering Information
The following options for the Regulator 1, 2, the EN pin logic, internal pull-up / down are available.
XC6401①②③④⑤⑥
USP-6B / 6C
(BOTTOM VIEW)
SOT-26W
(TOP VIEW)
12
3
4
5
6
6
EN2
VIN
EN1
VSS
VOUT1
VOUT2
*The dissipation pad for the USP-6B/C packages
should be solder-plated in recommended mount
pattern and metal masking so as to enhance
mounting strength and heat release.
If the pad needs to be connected to other pins, it
should be connected to the VSS pin.


유사한 부품 번호 - XC6401FF01MR

제조업체부품명데이터시트부품 상세설명
List of Unclassifed Manufacturers
List of Unclassifed Man...
XC6401 ETC2-XC6401 Datasheet
6Mb / 212P
   MT6516 Design Notice V1.0
More results

유사한 설명 - XC6401FF01MR

제조업체부품명데이터시트부품 상세설명
SYNC POWER Crop.
SYNC POWER Crop.
SP2526 SYNC-POWER-SP2526 Datasheet
388Kb / 10P
   Low ESR Cap. Compatible Positive Voltage Regulators
Torex Semiconductor
Torex Semiconductor
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6213 TOREX-XC6213_2 Datasheet
1,014Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
Kingbor Technology Co
Kingbor Technology Co
KB6206 KINGBOR-KB6206 Datasheet
79Kb / 6P
   Low ESR Cap. Compatible Positive Voltage Regulators
Torex Semiconductor
Torex Semiconductor
XC6403 TOREX-XC6403 Datasheet
231Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
Shenzhen Huazhimei Semiconductor Co., Ltd
Shenzhen Huazhimei Semi...
HM6216 HMSEMI-HM6216 Datasheet
366Kb / 8P
   Low power consumption, Low ESR Cap. Compatible
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz