전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FP40R12KE3G 데이터시트(PDF) 10 Page - eupec GmbH

부품명 FP40R12KE3G
상세설명  IGBT-Modules
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EUPEC [eupec GmbH]
홈페이지  http://www.eupec.com
Logo EUPEC - eupec GmbH

FP40R12KE3G 데이터시트(HTML) 10 Page - eupec GmbH

Back Button FP40R12KE3G Datasheet HTML 3Page - eupec GmbH FP40R12KE3G Datasheet HTML 4Page - eupec GmbH FP40R12KE3G Datasheet HTML 5Page - eupec GmbH FP40R12KE3G Datasheet HTML 6Page - eupec GmbH FP40R12KE3G Datasheet HTML 7Page - eupec GmbH FP40R12KE3G Datasheet HTML 8Page - eupec GmbH FP40R12KE3G Datasheet HTML 9Page - eupec GmbH FP40R12KE3G Datasheet HTML 10Page - eupec GmbH FP40R12KE3G Datasheet HTML 11Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Technische Information / Technical Information
IGBT-Module
IGBT-Modules
FP40R12KE3G
Vorläufige Daten
Preliminary data
VF [V]
TC [°C]
Durchlaßkennlinie der Gleichrichterdiode (typisch)
IF = f (VF)
Forward characteristic of Rectifier Diode (typical)
0
10
20
30
40
50
60
70
80
0
0,2
0,4
0,6
0,8
1
1,2
1,4
1,6
1,8
Tj = 25°C
Tj = 150°C
NTC- Temperaturkennlinie (typisch)
R = f (T)
NTC- temperature characteristic (typical)
Rtyp
100
1000
10000
100000
0
20
40
60
80
100
120
140
160
10(11)
DB-PIM-IGBT3_1.xls


유사한 부품 번호 - FP40R12KE3G

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
FP40R12KE3G INFINEON-FP40R12KE3G Datasheet
757Kb / 12P
   EconoPIM3 Modul mit Trench
2013-10-02 revision:3.0
More results

유사한 설명 - FP40R12KE3G

제조업체부품명데이터시트상세설명
logo
eupec GmbH
BSM15GP120 EUPEC-BSM15GP120 Datasheet
199Kb / 11P
   IGBT-Modules
logo
IXYS Corporation
L426 IXYS-L426 Datasheet
128Kb / 4P
   IGBT Modules
MWI100-12E8 IXYS-MWI100-12E8 Datasheet
71Kb / 2P
   IGBT Modules
logo
Semikron International
SKM25GAH125D SEMIKRON-SKM25GAH125D Datasheet
166Kb / 5P
   IGBT Modules
SKM200GAL173D SEMIKRON-SKM200GAL173D Datasheet
725Kb / 6P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D_08 Datasheet
725Kb / 6P
   IGBT Modules
SKIM300GD126D SEMIKRON-SKIM300GD126D Datasheet
1Mb / 4P
   IGBT Modules
SKM22GD123D SEMIKRON-SKM22GD123D_09 Datasheet
635Kb / 6P
   IGBT modules
SKM100GB173D SEMIKRON-SKM100GB173D Datasheet
563Kb / 4P
   IGBT Modules
SKM145GB123D SEMIKRON-SKM145GB123D Datasheet
599Kb / 4P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D Datasheet
704Kb / 4P
   IGBT Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com