전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD12250A 데이터시트(PDF) 1 Page - Elite Semiconductor Memory Technology Inc.

부품명 AD12250A
상세설명  24 bit, 96 kHz Stereo A/D Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ESMT [Elite Semiconductor Memory Technology Inc.]
홈페이지  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD12250A 데이터시트(HTML) 1 Page - Elite Semiconductor Memory Technology Inc.

  AD12250A Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. AD12250A Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. AD12250A Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ESMT
AD12250A
Elite Semiconductor Memory Technology Inc.
Publication Date
Apr. 2007
Revision
1.1
1/13
24 bit, 96 kHz Stereo A/D Converter
Features
24-bit I
2S audio data format output
Single power supply 3.3 V for analog and digital
Single-ended analog input with internal anti-alias
filter
SNR: 98 dB (A-weighted)
DR: 99 dB (A-weighted)
THD: -91 dB
Master/slave mode selection
Multiple sampling frequencies (FS): 8~96 kHz
System clock: 128 FS, 256 FS, 384 FS, 512 FS
Power down function
Internal PLL
16-pin TSSOP package
Applications
DVD recorders
CD recorders
MD players
HDD players
A/V receivers
Personal Video recorders
Musical Instrument
Automotive audio applications
Description
The AD12250A converts stereo single-ended analog
input signals into 24-bit I
2S digital audio data
through on-chip anti-aliasing filter, multi-bit
Σ-Δ
modulator, decimation filter and high-pass filter
which removes dc offsets. The AD12250A supports
sampling frequencies from 8 kHz to 96 kHz and
offers 128 FS, 256 FS, 384 FS or 512 FS system clock
operation modes depending on sampling frequency
and master/slave mode selection. The AD12250A is
suitable for digital audio media applications which
require high performance A/D conversion and low
system cost.
ORDERING INFORMATION
Product Number
Package
Comments
AD12250A-SG
16L TSSOP 4.4mm
Pb-free
Functional Block Diagram


유사한 부품 번호 - AD12250A

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
AD122-00 ETC2-AD122-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
logo
RHOPOINT COMPONENTS
AD122-00 RHOPOINT-AD122-00 Datasheet
74Kb / 1P
   GMR Digital Sensor Evaluation Kit
logo
List of Unclassifed Man...
AD1224DB-A71GL(N) ETC2-AD1224DB-A71GL(N) Datasheet
142Kb / 1P
   AD12025 SERIES
AD1224HB-A71GL(N) ETC2-AD1224HB-A71GL(N) Datasheet
142Kb / 1P
   AD12025 SERIES
AD1224LB-A71GL(N) ETC2-AD1224LB-A71GL(N) Datasheet
142Kb / 1P
   AD12025 SERIES
More results

유사한 설명 - AD12250A

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS5333 CIRRUS-CS5333 Datasheet
375Kb / 20P
   24-Bit, 96 kHz Stereo A/D Converter?
CS4334 CIRRUS-CS4334_04 Datasheet
740Kb / 25P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS4334 CIRRUS-CS4334 Datasheet
817Kb / 26P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS4334 CIRRUS-CS4334_08 Datasheet
806Kb / 24P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
logo
Texas Instruments
PCM1807 TI1-PCM1807_15 Datasheet
796Kb / 33P
[Old version datasheet]   96-kHz Stereo A/D Converter
PCM1803 TI1-PCM1803_09 Datasheet
447Kb / 23P
[Old version datasheet]   96-kHz STEREO A/D CONVERTER
PCM1803A TI-PCM1803A Datasheet
228Kb / 22P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1802DBRG4 TI1-PCM1802DBRG4 Datasheet
411Kb / 28P
[Old version datasheet]   SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1803 TI-PCM1803 Datasheet
320Kb / 20P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Burr-Brown (TI)
PCM1808 BURR-BROWN-PCM1808 Datasheet
229Kb / 23P
   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com