전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SA-10 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers

부품명 2SA-10
상세설명  Integrated 2-Axis Hall Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

2SA-10 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers

  2SA-10 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2SA-10 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2SA-10 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2SA-10 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2SA-10 Datasheet HTML 5Page - List of Unclassifed Manufacturers 2SA-10 Datasheet HTML 6Page - List of Unclassifed Manufacturers 2SA-10 Datasheet HTML 7Page - List of Unclassifed Manufacturers 2SA-10 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SA-10
November 2004
Page 3 of 8
Electrical Characteristics
At T=-40°C to 150°C, VSUP=4.5V to 5.5V if not otherwise specified.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Test conditions
ISUP
Supply Current
16
18
mA
CO_OUT
Common (reference)
Output Voltage
4)
VSUP/2
-20mV
VSUP/2
VSUP/2
+20mV
IOUT=0mA
BW
Bandwidth: DC to
10
15
18
kHz
Note 4: Ratio-metric (proportional to VSUP )
Analog Output-Characteristics
5,6)
With VSUP= 5V and in the temperature range -40
oC to 150oC, if not otherwise specified.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Test conditions
S
Magnetic Sensitivity
6)
40
50
60
V/T
∆S/S∆T
Magnetic Sensitivity
Temperature drift
-0.05
0.05
%/°C
IOUT=0mA
T=-40°C to 150°C
Sx/Sy
Magnetic Sensitivity
mismatch (X-Y)
6)
0
2
%
B = BL
7)
∠Sx-Sy
Phase matching
-0.3
0
0.3
°
B = BL
7)
Voff
Offset Voltage
-10
0
10
mV
B=0T
7),
IOUT=0mA
T=-20°C to 80°C
∆Voff/∆T
Offset Voltage Temperature
drift
-0.05
0.05
mV/°C
B=0T
7),
IOUT=0mA
BFS
7,8)
Full Scale Magnetic Field
Range
-45
45
mT
BL
7,8)
Linear Magnetic Field
Range
-40
40
mT
0.1
0.2
%
For B ≤ BL
7)
NL
Non Linearity
0.5
1
%
For B ≤ BFS
7)
∆Bnoise 7)
Input referred magnetic
noise spectrum density
(RMS)
750
nT/ Hz
BW=1Hz to 10kHz
X_OUT
max
Max. full scale output
voltage
5%
VSUP
95%
VSUP
V
|B| ≥ 50mT
Y_OUT
max
Max. full scale output
voltage
5%
VSUP
95%
VSUP
V
|B| ≥ 50mT
Hys max
Maximum Hysteresis
0.03
% BFS
|B| ≥ BMAX
Note 5: When the analog output pins X_OUT and Y_OUT are used in differential mode (i.e. Vx=X_OUT-CO_OUT)
Note 6: Ratio-metric (proportional to VSUP )
Note 7: At center of magnetic disk
Note 8: The 2SA-10 can also be ordered with Sensitivity of 25V/T for BL=60mT and BFS=80mT
Sentron AG
• Baarerstrasse 73 • 6300 Zug • Switzerland • Tel: +41 (41) 711 2170 • Fax: +41 (41) 711 2188
www.sentron.ch
• sales@sentron.ch •
for North America: GMW Associates
• Tel: +1 (650) 802-8292 • Fax: +1 (650) 802-8298 • sales@gmw.com


유사한 부품 번호 - 2SA-10

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
2SA0683 PANASONIC-2SA0683 Datasheet
99Kb / 4P
   Silicon PNP epitaxial planar type
2SA0684 PANASONIC-2SA0684 Datasheet
99Kb / 4P
   Silicon PNP epitaxial planar type
2SA0719 PANASONIC-2SA0719 Datasheet
81Kb / 4P
   For low-frequency power amplification and driver amplification Complementary
2SA0720 PANASONIC-2SA0720 Datasheet
81Kb / 4P
   For low-frequency power amplification and driver amplification Complementary
2SA0720A PANASONIC-2SA0720A Datasheet
72Kb / 3P
   For low-frequency driver amplification Complementary
More results

유사한 설명 - 2SA-10

제조업체부품명데이터시트상세설명
logo
Honeywell Solid State E...
HMC1042L HONEYWELL-HMC1042L Datasheet
409Kb / 6P
   2-Axis Magnetic Sensor
logo
List of Unclassifed Man...
HMC1052L ETC-HMC1052L Datasheet
151Kb / 1P
   2-AXIS MAGNETIC SENSOR
logo
Honeywell Accelerometer...
HMC1042L-TR HONEYWELL-ACC-HMC1042L-TR Datasheet
414Kb / 6P
   2-Axis Magnetic Sensor
logo
IC-Haus GmbH
IC-MU ICHAUS-IC-MU_13 Datasheet
2Mb / 59P
   OFF-AXIS NONIUS ENCODER WITH INTEGRATED HALL SENSORS
logo
Freescale Semiconductor...
FXOS8700CQ FREESCALE-FXOS8700CQ Datasheet
846Kb / 86P
   6-Axis Xtrinsic Sensor with Integrated
logo
Honeywell Solid State E...
HMC6042 HONEYWELL-HMC6042 Datasheet
158Kb / 7P
   2-Axis Magnetic Sensor Circuit
logo
Texas Instruments
TMAG5273 TI-TMAG5273 Datasheet
2Mb / 59P
[Old version datasheet]   TMAG5273 3-Axis Linear Hall Effect Sensor With I2C Interface
logo
ams AG
AS5403A AMSCO-AS5403A Datasheet
850Kb / 66P
   3D Hall Position Sensor for Linear and Off-Axis Applications
logo
TDK Electronics
ICM-20789 TDK-ICM-20789 Datasheet
1Mb / 65P
   7-Axis, High Performance Integrated 6-Axis Inertial and Barometric Pressure Sensor
logo
List of Unclassifed Man...
AS5304A-ATSU ETC1-AS5304A-ATSU Datasheet
466Kb / 13P
   Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com