전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74LV4051ADR 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74LV4051ADR
상세설명  8-CHANNEL ANALOG MULTIPLESERS/DEMULTIPLEXERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74LV4051ADR 데이터시트(HTML) 11 Page - Texas Instruments

Back Button SN74LV4051ADR Datasheet HTML 7Page - Texas Instruments SN74LV4051ADR Datasheet HTML 8Page - Texas Instruments SN74LV4051ADR Datasheet HTML 9Page - Texas Instruments SN74LV4051ADR Datasheet HTML 10Page - Texas Instruments SN74LV4051ADR Datasheet HTML 11Page - Texas Instruments SN74LV4051ADR Datasheet HTML 12Page - Texas Instruments SN74LV4051ADR Datasheet HTML 13Page - Texas Instruments SN74LV4051ADR Datasheet HTML 14Page - Texas Instruments SN74LV4051ADR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74LV4051APWTG4
ACTIVE
TSSOP
PW
16
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LV4051ARGYR
ACTIVE
QFN
RGY
16
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
SN74LV4051ARGYRG4
ACTIVE
QFN
RGY
16
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
4-Jun-2007
Addendum-Page 2


유사한 부품 번호 - SN74LV4051ADR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74LV4051ADR TI-SN74LV4051ADR Datasheet
548Kb / 19P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4051ADR TI-SN74LV4051ADR Datasheet
900Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4051ADR TI-SN74LV4051ADR Datasheet
905Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4051ADR TI-SN74LV4051ADR Datasheet
802Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4051ADR TI1-SN74LV4051ADR Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel Analog Multiplexers and Demultiplexers
More results

유사한 설명 - SN74LV4051ADR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD4067BME4 TI-CD4067BME4 Datasheet
1,023Kb / 17P
[Old version datasheet]   CMOS Analog Multiplesers Demultiplexers
logo
Unisonic Technologies
4051 UTC-4051_07 Datasheet
164Kb / 7P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Texas Instruments
SN54LV4051A_101 TI-SN54LV4051A_101 Datasheet
802Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Unisonic Technologies
4051 UTC-4051_12 Datasheet
260Kb / 6P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Texas Instruments
SN54LV4051A TI-SN54LV4051A_10 Datasheet
905Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4051A TI-SN54LV4051A Datasheet
548Kb / 19P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4051A TI-SN54LV4051A_08 Datasheet
900Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Unisonic Technologies
4051 UTC-4051 Datasheet
125Kb / 6P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
4051 UTC-4051_15 Datasheet
333Kb / 8P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
4051 UTC-4051_18 Datasheet
216Kb / 6P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com