전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ALS166DBRG4 데이터시트(PDF) 5 Page - Texas Instruments

부품명 SN74ALS166DBRG4
상세설명  PARALLEL-LOAD 8-BIT SHIFT REGISTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS166DBRG4 데이터시트(HTML) 5 Page - Texas Instruments

  SN74ALS166DBRG4 Datasheet HTML 1Page - Texas Instruments SN74ALS166DBRG4 Datasheet HTML 2Page - Texas Instruments SN74ALS166DBRG4 Datasheet HTML 3Page - Texas Instruments SN74ALS166DBRG4 Datasheet HTML 4Page - Texas Instruments SN74ALS166DBRG4 Datasheet HTML 5Page - Texas Instruments SN74ALS166DBRG4 Datasheet HTML 6Page - Texas Instruments SN74ALS166DBRG4 Datasheet HTML 7Page - Texas Instruments SN74ALS166DBRG4 Datasheet HTML 8Page - Texas Instruments SN74ALS166DBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SN74ALS166
PARALLEL-LOAD 8-BIT SHIFT REGISTER
SDAS156D – APRIL 1982 – REVISED AUGUST 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
LOAD CIRCUIT FOR OUTPUT UNDER TEST
TEST TABLE FOR SYNCHRONOUS INPUTS
SH/LD
H0 V
4.5 V
QH at tn + 1
QH at tn + 1
VOLTAGE WAVEFORMS
RL = 500 Ω
CL = 50 pF
(see Note A)
From Output
Under Test
Test
Point
3.5 V
0.3 V
3.5 V
0.3 V
3.5
0.3 V
VOH
VOL
tw(clear)
1.3 V
1.3 V
tn + 1 (see Note D)
tn
tn
tn + 1
tw(CLK)
tsu
th
CLR
(see Note C)
CLK
(see Note E)
Data Input
(see Test Table)
Output QH
tPHL
tPLH
tPHL
Serial input
DATA INPUT
FOR TEST
OUTPUT TESTED
(see Note B)
1.3 V
1.3 V
1.3 V
tsu
th
1.3 V
1.3 V
1.3 V
1.3 V
NOTES: A. CL includes probe and jig capacitance.
B. Propagation delay times (tPLH and tPHL) are measured at tn+1. Proper shifting of data is verified at tn+8 with a functional test.
C. A clear pulse is applied prior to each test.
D. tn = bit time before clocking transition, tn+1 = bit time after one clocking transition, and tn+8 = bit time after eight clocking transitions.
E. The clock pulse has the following characteristics: tw(clock) ≤ 20 ns and PRR = 1 MHz. The clear pulse has the following
characteristics: tw(clear) ≤ 20 ns.
F. All pulse generators have the following characteristics: ZO ≈ 50 Ω; tr = tf = 2 ns. Duty cycle = 50% when testing fmax.
1.3 V
Figure 1. Load Circuit and Voltage Waveforms


유사한 부품 번호 - SN74ALS166DBRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALS166DBR TI-SN74ALS166DBR Datasheet
344Kb / 11P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTER
More results

유사한 설명 - SN74ALS166DBRG4

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
HD74HC166 HITACHI-HD74HC166 Datasheet
57Kb / 10P
   Parallel-load 8-bit Shift Register
logo
Unisonic Technologies
U74HC165 UTC-U74HC165_15 Datasheet
276Kb / 7P
   8-BIT PARALLEL-LOAD SHIFT REGISTER
U74HCT165 UTC-U74HCT165_15 Datasheet
259Kb / 8P
   8-BIT PARALLEL-LOAD SHIFT REGISTER
logo
Texas Instruments
SN74HC166A-Q1 TI1-SN74HC166A-Q1 Datasheet
620Kb / 16P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTER
SN74HC166A-EP TI1-SN74HC166A-EP Datasheet
384Kb / 13P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTER
logo
Renesas Technology Corp
HD74LV166A RENESAS-HD74LV166A_10 Datasheet
108Kb / 10P
   Parallel-Load 8-bit Shift Register
logo
Hitachi Semiconductor
HD74LV165A HITACHI-HD74LV165A Datasheet
75Kb / 17P
   Parallel-Load 8-bit Shift Register
HD74LV166A HITACHI-HD74LV166A Datasheet
73Kb / 16P
   Parallel-Load 8-bit Shift Register
logo
Texas Instruments
SN74ALS166 TI-SN74ALS166_08 Datasheet
646Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74LV166A RENESAS-HD74LV166A Datasheet
88Kb / 10P
   Parallel-Load 8-bit Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com