전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

ARF694 데이터시트(HTML) 1 Page - Power Semiconductors

부품명 ARF694
상세내용  FAST RECOVERY DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  POSEICO [Power Semiconductors]
홈페이지  http://www.poseico.com
Logo 

ARF694 데이터시트(HTML) 1 Page - Power Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
/ 2 page
 1 / 2 page
background image
FAST RECOVERY DIODE
ARF694
FOR IGBT,IEGT,GCT APPLICATIONS
Repetitive voltage up to
6000 V
SNUBBERLESS OPERATION
Mean forward current
645 A
LOW LOSSES SOFT RECOVERY
Surge current
10 kA
TARGET SPECIFICATION
mar 03 - ISSUE : 2
Symbol
Characteristic
Conditions
Tj
[°C]
Value
Unit
BLOCKING
V RRM
Repetitive peak reverse voltage
120
6000
V
V RSM
Non-repetitive peak reverse voltage
120
6100
V
I RRM
Repetitive peak reverse current
V=VRRM
120
mA
V DC LINK
Permanent DC voltage
120
3200
V
CONDUCTING
I F (AV)
Mean forward current
180° sin ,50 Hz, Th=55°C, double side cooled
645
A
I F (AV)
Mean forward current
180° square,50 Hz,Th=55°C,double side cooled
675
A
I FSM
Surge forward current
Sine wave, 10 ms
120
10
kA
I² t
I² t
reapplied reverse voltage up to 50% VRSM
500 x1E3
A²s
V FM
Forward voltage
Forward current = 1570 A
25
4.8
V
V F(TO)
Threshold voltage
120
2.10
V
r F
Forward slope resistance
120
1.80
mohm
SWITCHING
Q rr
Reverse recovery charge
I F = 1000 A
di/dt=
250 A/µs
120
µC
I rr
Peak reverse recovery current
VR =
100 V
120
A
t rr
Reverse recovery time
I F = 1000 A
µs
Q rr
Reverse recovery charge
di/dt=
500 A/µs
2000
µC
I rr
Peak reverse recovery current
VR =
V
120
1150
A
s
Softness (s-factor), min
E OFF
Turn off energy dissipation
J
V FR
Peak forward recovery
di/dt=
500 A/µs
125
V
MOUNTING
R th(j-h)
Thermal impedance
Junction to heatsink, double side cooled
21
°C/kW
R th(c-h)
Thermal impedance
Case to heatsink, double side cooled
3
°C/kW
T j
Operating junction temperature
-30 / 120
°C
F
Mounting force
22.0 / 24.5
kN
Mass
520
g
ORDERING INFORMATION : ARF694 S 60
standard specification
VRRM/100
POSEICO SPA
POwer SEmiconductors Italian COrporation
POSEICO
POSEICO SPA
Via N. Lorenzi 8, 16152 Genova - ITALY
Tel. +39 010 6556234 - Fax +39 010 6557519
Sales Office:
Tel. +39 010 6556775 - Fax +39 010 6442510


Html Pages

1  2 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn