전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP26N60LPBF 데이터시트(PDF) 6 Page - International Rectifier

부품명 IRFP26N60LPBF
상세설명  HEXFET Power MOSFET ( VDSS = 600V , RDS(on)typ. = 210m廓 , Trr typ. = 170ns , ID = 26A )
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP26N60LPBF 데이터시트(HTML) 6 Page - International Rectifier

  IRFP26N60LPBF Datasheet HTML 1Page - International Rectifier IRFP26N60LPBF Datasheet HTML 2Page - International Rectifier IRFP26N60LPBF Datasheet HTML 3Page - International Rectifier IRFP26N60LPBF Datasheet HTML 4Page - International Rectifier IRFP26N60LPBF Datasheet HTML 5Page - International Rectifier IRFP26N60LPBF Datasheet HTML 6Page - International Rectifier IRFP26N60LPBF Datasheet HTML 7Page - International Rectifier IRFP26N60LPBF Datasheet HTML 8Page - International Rectifier IRFP26N60LPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRFP26N60LPbF
6
www.irf.com
Fig 12. Maximum Effective Transient Thermal Impedance, Junction-to-Case
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
t1 , Rectangular Pulse Duration (sec)
0.0001
0.001
0.01
0.1
1
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty factor D =
t / t
2. Peak T
= P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
Fig 13. Threshold Voltage vs. Temperature
-75
-50
-25
0
25
50
75
100 125 150
TJ , Temperature ( °C )
2.0
3.0
4.0
5.0
6.0
ID = 250µA


유사한 부품 번호 - IRFP26N60LPBF

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRFP26N60LPBF VISHAY-IRFP26N60LPBF Datasheet
159Kb / 8P
   Power MOSFET
S-81264-Rev. B, 21-Jul-08
IRFP26N60LPBF VISHAY-IRFP26N60LPBF Datasheet
226Kb / 11P
   Power MOSFET
09-Jul-2021
More results

유사한 설명 - IRFP26N60LPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP23N50LPBF IRF-IRFP23N50LPBF Datasheet
202Kb / 9P
   HEXFET Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.190廓 , Trr typ. = 170ns , ID = 23A )
IRFP32N50KPBF IRF-IRFP32N50KPBF Datasheet
189Kb / 8P
   HEXFET Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.135廓 , ID = 32A )
IRFP27N60K IRF-IRFP27N60K Datasheet
91Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)typ.=180mohm, Id=27A)
IRFPS43N50KPBF IRF-IRFPS43N50KPBF Datasheet
130Kb / 8P
   HEXFET짰 Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.078廓 , ID = 47A )
IRFB17N50LPBF IRF-IRFB17N50LPBF Datasheet
180Kb / 8P
   SMPS MOSFET ( VDSS=500V , RDS(on)typ.=0.28廓 , ID=16A )
IRFP32N50K IRF-IRFP32N50K Datasheet
94Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.135ohm, Id=32A)
IRFP17N50L IRF-IRFP17N50L Datasheet
91Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFPS43N50K IRF-IRFPS43N50K Datasheet
99Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.078ohm, Id=47A)
IRFPS40N50L IRF-IRFPS40N50L Datasheet
111Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.087ohm, Id=46A)
IRFP17N50LS IRF-IRFP17N50LS Datasheet
118Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com