전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMBTA92 데이터시트(PDF) 1 Page - Diotec Semiconductor

부품명 MMBTA92
상세설명  Surface mount High Voltage Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOTEC [Diotec Semiconductor]
홈페이지  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMBTA92 데이터시트(HTML) 1 Page - Diotec Semiconductor

  MMBTA92 Datasheet HTML 1Page - Diotec Semiconductor MMBTA92 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMBTA92 / MMBTA93
MMBTA92 / MMBTA93
PNP
Surface mount High Voltage Transistors
Hochspannungs-Transistoren für die Oberflächenmontage
PNP
Version 2005-06-21
Dimensions / Maße [mm]
1 = B
2 = E
3 = C
Power dissipation
Verlustleistung
250 mW
Plastic case
Kunststoffgehäuse
SOT-23
(TO-236)
Weight approx. – Gewicht ca.
0.01 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings (TA = 25°C)
Grenzwerte (TA = 25°C)
MMBTA92
MMBTA93
Collector-Emitter-volt. - Kollektor-Emitter-Spannung
B open
- VCEO
300 V
200 V
Collector-Base-voltage - Kollektor-Basis-Spannung
E open
- VCBO
300 V
200 V
Emitter-Base-voltage - Emitter-Basis-Spannung
C open
- VEBO
5 V
Power dissipation – Verlustleistung
Ptot
250 mW 1)
Collector current – Kollektorstrom (dc)
- IC
500 mA
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-65...+150°C
-65…+150°C
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Min.
Typ.
Max.
Collector-Base cutoff current – Kollektorreststrom
IE = 0, - VCB = 200 V
IE = 0, - VCB = 160 V
MMBTA92
MMBTA93
- ICB0
- ICB0
250 nA
250 nA
Emitter-Base cutoff current – Emitterreststrom
IC = 0, - VEB = 3 V
- IEB0
100 nA
Collector saturation voltage – Kollektor-Sättigungsspannung 2)
- IC = 20 mA, - IB = 2 mA
- VCEsat
500 mV
Base saturation voltage – Basis-Sättigungsspannung 2)
- IC = 20 mA, - IB = 2 mA
- VBEsat
900 mV
1
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
© Diotec Semiconductor AG
http://www.diotec.com/
1
1.1
2.9 ±0.1
0.4
1
2
3
Type
Code
1.9


유사한 부품 번호 - MMBTA92

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
MMBTA92 PHILIPS-MMBTA92 Datasheet
43Kb / 8P
   PNP high-voltage transistor
2000 Apr 11
logo
Galaxy Semi-Conductor H...
MMBTA92 BILIN-MMBTA92 Datasheet
161Kb / 4P
   PNP High Voltage Amplifier
MMBTA92 BILIN-MMBTA92 Datasheet
188Kb / 4P
   PNP High Voltage Amplifier
logo
Jinan Jing Heng Electro...
MMBTA92 JINGHENG-MMBTA92 Datasheet
1Mb / 5P
   PNP Plastic-Encapsulate Transistors
logo
Shenzhen Jin Yu Semicon...
MMBTA92 HTSEMI-MMBTA92 Datasheet
1Mb / 2P
   TRANSISTOR(PNP)
More results

유사한 설명 - MMBTA92

제조업체부품명데이터시트상세설명
logo
Diotec Semiconductor
MMBTA94 DIOTEC-MMBTA94 Datasheet
105Kb / 2P
   Surface mount High Voltage Transistors
MMBTA42 DIOTEC-MMBTA42 Datasheet
108Kb / 2P
   Surface mount High Voltage Transistors
MMBTA94 DIOTEC-MMBTA94_15 Datasheet
107Kb / 2P
   Surface mount High Voltage Transistors
MMBTA42 DIOTEC-MMBTA42_15 Datasheet
107Kb / 2P
   Surface mount High Voltage Transistors
MMBTA92 DIOTEC-MMBTA92_15 Datasheet
107Kb / 2P
   Surface mount High Voltage Transistors
MMBTA44 DIOTEC-MMBTA44_15 Datasheet
106Kb / 2P
   Surface mount High Voltage Transistors
MMBTA44 DIOTEC-MMBTA44 Datasheet
112Kb / 2P
   Surface mount High Voltage Transistors
logo
Central Semiconductor C...
CMPTA42E CENTRAL-CMPTA42E_15 Datasheet
333Kb / 2P
   SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
CMPT6517 CENTRAL-CMPT6517_15 Datasheet
329Kb / 2P
   SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
CMPTA42 CENTRAL-CMPTA42_10 Datasheet
327Kb / 2P
   SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com