전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT25020VP2ET3 데이터시트(PDF) 1 Page - Catalyst Semiconductor

부품명 CAT25020VP2ET3
상세설명  1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CATALYST [Catalyst Semiconductor]
홈페이지  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25020VP2ET3 데이터시트(HTML) 1 Page - Catalyst Semiconductor

  CAT25020VP2ET3 Datasheet HTML 1Page - Catalyst Semiconductor CAT25020VP2ET3 Datasheet HTML 2Page - Catalyst Semiconductor CAT25020VP2ET3 Datasheet HTML 3Page - Catalyst Semiconductor CAT25020VP2ET3 Datasheet HTML 4Page - Catalyst Semiconductor CAT25020VP2ET3 Datasheet HTML 5Page - Catalyst Semiconductor CAT25020VP2ET3 Datasheet HTML 6Page - Catalyst Semiconductor CAT25020VP2ET3 Datasheet HTML 7Page - Catalyst Semiconductor CAT25020VP2ET3 Datasheet HTML 8Page - Catalyst Semiconductor CAT25020VP2ET3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
CAT25010, CAT25020, CAT25040
© Catalyst Semiconductor, Inc.
1
Doc. No. MD-1006 Rev. T
Characteristics subject to change without notice
1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
FEATURES
10 MHz SPI compatible
1.8V to 5.5V supply voltage range
SPI modes (0,0) & (1,1)
16-byte page write buffer
Self-timed write cycle
Hardware and software protection
Block write protection
– Protect 1/4, 1/2 or entire EEPROM array
Low power CMOS technology
1,000,000 program/erase cycles
100 year data retention
Industrial and Extended temperature range
RoHS-compliant 8-lead PDIP, SOIC, TSSOP and
8-pad TDFN packages
PIN CONFIGURATION
PDIP (L)
SOIC (V)
TSSOP (Y)
TDFN (VP2)
CS
¯¯
1
8 VCC
SO
2
7 HOLD
¯¯¯¯¯
WP
¯¯¯
3
6 SCK
VSS 4
5 SI
PIN FUNCTION
Pin Name
Function
CS
¯¯
Chip Select
SO
Serial Data Output
WP
¯¯¯
Write Protect
VSS
Ground
SI
Serial Data Input
SCK
Serial Clock
HOLD
¯¯¯¯¯
Hold Transmission Input
VCC
Power Supply
DESCRIPTION
The CAT25010/20/40 are 1-Kb/2-Kb/4-Kb Serial
CMOS EEPROM devices internally organized as
128x8/256x8/512x8 bits. They feature a 16-byte page
write buffer and support the Serial Peripheral Interface
(SPI) protocol. The device is enabled through a Chip
Select (CS
¯¯ ) input. In addition, the required bus signals
are a clock input (SCK), data input (SI) and data
output (SO) lines. The HOLD
¯¯¯¯¯ input may be used to
pause
any
serial
communication
with
the
CAT25010/20/40 device. These devices feature
software and hardware write protection, including
partial as well as full array protection.
FUNCTIONAL SYMBOL
For Ordering Information details, see page 16.
CS
WP
HOLD
SI
SO
CAT25010
CAT25020
CAT25040
VCC
VSS
SCK


유사한 부품 번호 - CAT25020VP2ET3

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT25020VP2E-GT3 ONSEMI-CAT25020VP2E-GT3 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
CAT25020VP2E-T3 ONSEMI-CAT25020VP2E-T3 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
CAT25020VP2E.GT3 ONSEMI-CAT25020VP2E.GT3 Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
More results

유사한 설명 - CAT25020VP2ET3

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT25010YI-G ONSEMI-CAT25010YI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010_12 Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
CAT25040LI-G ONSEMI-CAT25040LI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010_15 Datasheet
131Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
July, 2015 ??Rev. 25
logo
Catalyst Semiconductor
CAT24C01 CATALYST-CAT24C01 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
CAT24C01 ONSEMI-CAT24C01_12 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01LI-G ONSEMI-CAT24C01LI-G Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com