전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BUZ102SE3045A 데이터시트(PDF) 8 Page - Infineon Technologies AG

부품명 BUZ102SE3045A
상세설명  SIPMOS Power Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BUZ102SE3045A 데이터시트(HTML) 8 Page - Infineon Technologies AG

  BUZ102SE3045A Datasheet HTML 1Page - Infineon Technologies AG BUZ102SE3045A Datasheet HTML 2Page - Infineon Technologies AG BUZ102SE3045A Datasheet HTML 3Page - Infineon Technologies AG BUZ102SE3045A Datasheet HTML 4Page - Infineon Technologies AG BUZ102SE3045A Datasheet HTML 5Page - Infineon Technologies AG BUZ102SE3045A Datasheet HTML 6Page - Infineon Technologies AG BUZ102SE3045A Datasheet HTML 7Page - Infineon Technologies AG BUZ102SE3045A Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
BUZ 102S
Data Book
8
05.99
Typ. gate charge
VGS = f (QGate)
parameter:
ID puls = 52 A
0
10
20
30
40
50
nC
70
QGate
0
2
4
6
8
10
12
V
16
BUZ102S
DS max
V
0,8
DS max
V
0,2
Avalanche Energy
EAS = f (Tj)
parameter:
ID = 52 A, VDD = 25 V
RGS = 25 Ω
20
40
60
80
100
120
140
˚C
180
Tj
0
20
40
60
80
100
120
140
160
180
200
220
mJ
260
Drain-source breakdown voltage
V(BR)DSS = f (Tj)
-60
-20
20
60
100
140
˚C
200
Tj
50
52
54
56
58
60
62
64
V
66
BUZ102S


유사한 부품 번호 - BUZ102SE3045A

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BUZ102S SIEMENS-BUZ102S Datasheet
123Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
BUZ102SL SIEMENS-BUZ102SL Datasheet
120Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
BUZ102SL-4 SIEMENS-BUZ102SL-4 Datasheet
90Kb / 8P
   SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
More results

유사한 설명 - BUZ102SE3045A

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
   SIPMOS Power Transistor
05.99
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
   SIPMOS Power Transistor
06.99
SPB10N10L INFINEON-SPB10N10L Datasheet
240Kb / 8P
   SIPMOS Power-Transistor
2005-02-14
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
   SIPMOS Power Transistor
03/99
SPD07N20 INFINEON-SPD07N20 Datasheet
120Kb / 8P
   SIPMOS Power Transistor
05.99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
   SIPMOS Power Transistor
05.99
SPI70N10L INFINEON-SPI70N10L Datasheet
514Kb / 8P
   SIPMOS Power-Transistor
2001-08-24
logo
Siemens Semiconductor G...
SPD23N05 SIEMENS-SPD23N05 Datasheet
148Kb / 8P
   SIPMOS Power Transistor
SPD31N05 SIEMENS-SPD31N05 Datasheet
134Kb / 8P
   SIPMOS Power Transistor
logo
Infineon Technologies A...
BUZ72L INFINEON-BUZ72L Datasheet
87Kb / 8P
   SIPMOS Power Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com