전자부품 데이터시트 검색엔진 |
|
SM516Q 데이터시트(PDF) 2 Page - Diotec Semiconductor |
|
SM516Q 데이터시트(HTML) 2 Page - Diotec Semiconductor |
2 / 2 page SM4001Q ... SM4007Q, SM513Q, SM516Q, SM518Q Maximum ratings Grenzwerte Peak forward surge current, 50/60 Hz half sine-wave Stoßstrom für eine 50/60 Hz Sinus-Halbwelle TA = 25°C IFSM 40/44 A 1) Rating for fusing, t < 10 ms Grenzlastintegral, t < 10 ms TA = 25°C i2t8 A2s Junction temperature – Sperrschichttemperatur Storage temperature – Lagerungstemperatur Tj TS -50...+175°C -50...+175°C Characteristics Kennwerte Forward voltage Durchlass-Spannung Tj = 25°C IF = 1 A VF < 1.1 V Leakage current Sperrstrom Tj = 25°C Tj = 100°C VR = VRRM VR = VRRM IR IR < 5 µA < 50 µA Thermal resistance junction to ambient air Wärmewiderstand Sperrschicht – umgebende Luft RthA < 45 K/W 1) Thermal resistance junction to terminal Wärmewiderstand Sperrschicht − Anschluss RthT < 10 K/W 1 Mounted on P.C. board with 25 mm2 copper pads at each terminal Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluss 2 http://www.diotec.com/ © Diotec Semiconductor AG 120 100 80 60 40 20 0 [%] I FAV Rated forward current vs. temp. of the terminals in Abh. v. d. Temp. der Terminals Zul. Richtstrom [°C] T T 150 100 50 0 10 10 1 10 10 2 -1 -2 [A] I F Forward characteristics (typical values) Durchlasskennlinien (typische Werte) 0.4 V F 0.8 1.0 1.2 1.4 [V] 1.8 T = 25°C j T = 125°C j 40a-(1a-1.1v) |
유사한 부품 번호 - SM516Q |
|
유사한 설명 - SM516Q |