전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ABT16853DGGR 데이터시트(PDF) 6 Page - Texas Instruments

부품명 SN74ABT16853DGGR
상세설명  DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT16853DGGR 데이터시트(HTML) 6 Page - Texas Instruments

Back Button SN74ABT16853DGGR Datasheet HTML 2Page - Texas Instruments SN74ABT16853DGGR Datasheet HTML 3Page - Texas Instruments SN74ABT16853DGGR Datasheet HTML 4Page - Texas Instruments SN74ABT16853DGGR Datasheet HTML 5Page - Texas Instruments SN74ABT16853DGGR Datasheet HTML 6Page - Texas Instruments SN74ABT16853DGGR Datasheet HTML 7Page - Texas Instruments SN74ABT16853DGGR Datasheet HTML 8Page - Texas Instruments SN74ABT16853DGGR Datasheet HTML 9Page - Texas Instruments SN74ABT16853DGGR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SN54ABT16853, SN74ABT16853
DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SCBS153B – OCTOBER 1992 – REVISED JANUARY 1997
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
VCC = 5 V,
TA = 25°C
SN54ABT16853
SN74ABT16853
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
t
Pulse duration
LE high or low
8.5
8.5
8.5
ns
tw
Pulse duration
CLR low
4
4
4
ns
t
Setup time
A, B, and PARITY before LE
10
10
10
ns
tsu
Setup time
CLR before LE
0
0
0
ns
th
Hold time
A, B, and PARITY after LE
0
0
0
ns
th
Hold time
CLR after LE
0
0
0
ns
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54ABT16853
SN74ABT16853
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
AorB
BorA
1.5
2.5
3.3
1.5
4.2
1.5
4.1
ns
tPHL
A or B
B or A
2
3.1
3.9
2
4.5
2
4.3
ns
tPLH
AorOE
PARITY
2
4.6
5.9
2
7.3
2
7.1
ns
tPHL
A or OE
PARITY
2
4.8
6.2
2
7.6
2
7.2
ns
tPLH
CLR
ERR
2
3.7
5.1
2
5.9
2
5.7
ns
tPZH
OE
AorB
2
3.9
4.9
2
5.8
2
5.6
ns
tPZL
OE
A or B
2.5
4.3
5.1
2.5
6.2
2.5
6
ns
tPHZ
OE
AorB
2
3.6
4.5
2
5.5
2
5.4
ns
tPLZ
OE
A or B
1.5
3
3.8
1.5
4.7
1.5
4.3
ns
tPZH
OE
PARITY
2
3.6
5
2
5.8
2
5.7
ns
tPZL
OE
PARITY
2.5
4.4
5.8
2.5
6.7
2.5
6.5
ns
tPHZ
OE
PARITY
1.5
3.2
4
1.5
4.8
1.5
4.7
ns
tPLZ
OE
PARITY
1.5
2.9
3.7
1.5
4.2
1.5
4.1
ns
tPLH
LE
ERR
2
3.5
4.2
2
5
2
4.8
ns
tPHL
LE
ERR
2
3.4
4.4
2
5.2
2
4.9
ns
tPLH
A B or PARITY
ERR
2
4.5
6.3
2
7.5
2
7.2
ns
tPHL
A, B, or PARITY
ERR
2
4.8
6.3
2
7.7
2
7.4
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


유사한 부품 번호 - SN74ABT16853DGGR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ABT16853DGGR TI-SN74ABT16853DGGR Datasheet
157Kb / 9P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
More results

유사한 설명 - SN74ABT16853DGGR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54ABT16833 TI-SN54ABT16833_08 Datasheet
364Kb / 13P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16833 TI-SN54ABT16833_98 Datasheet
171Kb / 10P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16833 TI-SN54ABT16833 Datasheet
169Kb / 10P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16853 TI-SN54ABT16853 Datasheet
143Kb / 8P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16853 TI-SN54ABT16853_06 Datasheet
157Kb / 9P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
74ACT16833 TI1-74ACT16833 Datasheet
172Kb / 9P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT853 TI-SN54ABT853 Datasheet
141Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT833 TI-SN54ABT833 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT853 TI1-SN54ABT853_17 Datasheet
975Kb / 20P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT833 TI1-SN54ABT833_15 Datasheet
251Kb / 13P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com