전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM54LS47J 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 DM54LS47J
상세설명  BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM54LS47J 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  DM54LS47J Datasheet HTML 1Page - Fairchild Semiconductor DM54LS47J Datasheet HTML 2Page - Fairchild Semiconductor DM54LS47J Datasheet HTML 3Page - Fairchild Semiconductor DM54LS47J Datasheet HTML 4Page - Fairchild Semiconductor DM54LS47J Datasheet HTML 5Page - Fairchild Semiconductor DM54LS47J Datasheet HTML 6Page - Fairchild Semiconductor DM54LS47J Datasheet HTML 7Page - Fairchild Semiconductor DM54LS47J Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note 2)
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
DM54LS
−55˚C to +125˚C
DM74LS
0˚C to +70˚C
Storage Temperature Range
−65˚C to +150˚C
Recommended Operating Conditions
Symbol
Parameter
DM54LS47
DM74LS47
Units
Min
Nom
Max
Min
Nom
Max
V
CC
Supply Voltage
4.5
5
5.5
4.75
5
5.25
V
V
IH
High Level Input Voltage
2
2
V
V
IL
Low Level Input Voltage
0.7
0.8
V
I
OH
High Level Output Currenta−g
−50
−250
µA
@ 15V = V
OH (Note 3)
I
OH
High Level Output Current BI /RBO
−50
µA
I
OL
Low Level Output Current
12
24
mA
T
A
Free Air Operating Temperature
−55
125
0
70
˚C
Note 2:
The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these
limits. The parametric values defined in the “Electrical Characteristics” table are not guaranteed at the absolute maximum ratings. The “Recommended Operating
Conditions” table will define the conditions for actual device operation.
Note 3: OFF state at a–g.
Electrical Characteristics
Over recommended operating free air temperature range (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 4)
V
I
Input Clamp Voltage
V
CC = Min, II = −18 mA
−1.5
V
V
OH
High Level
V
CC = Min, IOH = Max,
DM54
2.4
V
Output Voltage
V
IL = Max, BI /RBO
DM74
2.7
3.4
I
OFF
Output High Current
V
CC = 5.5V, VO = 15Va−g
250
µA
Segment Outputs
V
OL
Low Level
V
CC = Min, IOL = Max,
DM54
0.4
Output Voltage
V
IH = Min,a−g
DM74
0.35
0.5
I
OL = 3.2 mA, BI /RBO
DM74
0.5
V
I
OL = 12 mA, a – g
DM74
0.25
0.4
I
OL = 1.6 mA, BI /RBO
DM74
0.4
I
I
Input Current @ Max
V
CC = Max, VI = 7V
DM74
100
µA
Input Voltage
V
CC = Max, VI = 10V
DM54
I
IH
High Level Input Current
V
CC = Max, VI = 2.7V
20
µA
I
IL
Low Level Input Current
V
CC = Max, VI = 0.4V
−0.4
mA
I
OS
Short Circuit
V
CC = Max
DM54
−0.3
−2.0
mA
Output Current
(Note 5) , I
OS at BI/RBO
DM74
−0.3
−2.0
I
CC
Supply Current
V
CC = Max
13
mA
Note 4: All typicals are at VCC = 5V, TA = 25˚C.
Note 5: Not more than one output should be shorted at a time, and the duration should not exceed one second.
www.fairchildsemi.com
2


유사한 부품 번호 - DM54LS47J

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DM54LS471 NSC-DM54LS471 Datasheet
121Kb / 4P
   (256 X 8) 2048-BIT TTL PROM
DM54LS471J NSC-DM54LS471J Datasheet
121Kb / 4P
   (256 X 8) 2048-BIT TTL PROM
More results

유사한 설명 - DM54LS47J

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
DM74LS47 FAIRCHILD-DM74LS47 Datasheet
67Kb / 6P
   BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
logo
National Semiconductor ...
54LS247 NSC-54LS247 Datasheet
66Kb / 3P
   BCD TO 7-SEGMENT DECODER/DRIVER WITH OPEN-COLLECTOR OUTPUTS
logo
Fairchild Semiconductor
DM74LS247 FAIRCHILD-DM74LS247 Datasheet
81Kb / 4P
   BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
logo
National Semiconductor ...
DM54LS447 NSC-DM54LS447 Datasheet
126Kb / 6P
   BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
DM74LS249 NSC-DM74LS249 Datasheet
103Kb / 6P
   BCD to 7-Segment Decoder with Open-Collector Outputs
logo
Hitachi Semiconductor
HD74LS49 HITACHI-HD74LS49 Datasheet
66Kb / 5P
   BCD-to-Seven Segment Decoder Driver(with Open collector outputs)
logo
Fairchild Semiconductor
DM9370 FAIRCHILD-DM9370 Datasheet
58Kb / 5P
   7-Segment Decoder/Driver/Latch with Open-Collector Outputs
54LS347 FAIRCHILD-54LS347 Datasheet
51Kb / 1P
   BCD TO 7-SEGMENT DECODER/DRIVER
logo
ON Semiconductor
SN74LS47 ONSEMI-SN74LS47 Datasheet
132Kb / 8P
   BCD to 7-Segment Decoder/Driver
December, 1999 ??Rev. 6
logo
National Semiconductor ...
54LS447 NSC-54LS447 Datasheet
67Kb / 3P
   BCD to 7-Segment Decoder/Driver
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com