전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AUP1G125GW 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 74AUP1G125GW
상세설명  Low-power buffer/line driver; 3-state
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G125GW 데이터시트(HTML) 3 Page - NXP Semiconductors

  74AUP1G125GW Datasheet HTML 1Page - NXP Semiconductors 74AUP1G125GW Datasheet HTML 2Page - NXP Semiconductors 74AUP1G125GW Datasheet HTML 3Page - NXP Semiconductors 74AUP1G125GW Datasheet HTML 4Page - NXP Semiconductors 74AUP1G125GW Datasheet HTML 5Page - NXP Semiconductors 74AUP1G125GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1G125GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1G125GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1G125GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
74AUP1G125_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 30 June 2006
3 of 21
Philips Semiconductors
74AUP1G125
Low-power buffer/line driver; 3-state
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level;
X = Don’t care;
Z = high-impedance OFF-state.
Fig 4.
Pin configuration SOT353-1
(TSSOP5)
Fig 5.
Pin configuration SOT886
(XSON6)
Fig 6.
Pin configuration SOT891
(XSON6)
74AUP1G125
OE
VCC
A
GND
Y
001aab651
1
2
3
5
4
74AUP1G125
A
001aab652
OE
GND
n.c.
VCC
Y
Transparent top view
2
3
1
5
4
6
74AUP1G125
A
001aaf014
OE
GND
n.c.
VCC
Y
Transparent top view
2
3
1
5
4
6
Table 3:
Pin description
Symbol
Pin
Description
TSSOP5
XSON6
OE
1
1
output enable input
A
2
2
data input
GND
3
3
ground (0 V)
Y
4
4
data output
n.c.
-
5
not connected
VCC
5
6
supply voltage
Table 4:
Function table[1]
Input
Output
OE
A
Y
LLL
LH
H
HX
Z


유사한 부품 번호 - 74AUP1G125GW

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AUP1G125GW NEXPERIA-74AUP1G125GW Datasheet
299Kb / 20P
   Low-power buffer/line driver; 3-state
Rev. 9 - 14 January 2022
74AUP1G125GW-Q100 NEXPERIA-74AUP1G125GW-Q100 Datasheet
265Kb / 18P
   Low-power buffer/line driver; 3-state
More results

유사한 설명 - 74AUP1G125GW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AXP1G125 PHILIPS-74AXP1G125_15 Datasheet
183Kb / 18P
   Low-power buffer/line driver; 3-state
Rev. 1-16 January 2014
logo
Nexperia B.V. All right...
74AXP1G125 NEXPERIA-74AXP1G125 Datasheet
210Kb / 17P
   Low-power buffer/line driver 3-state
logo
NXP Semiconductors
74AUP1G125 PHILIPS-74AUP1G125_15 Datasheet
377Kb / 25P
   Low-power buffer/line driver; 3-state
Rev. 6-15 August 2012
74AUP1G126 PHILIPS-74AUP1G126 Datasheet
100Kb / 20P
   Low-Power buffer/line driver; 3-state
Rev. 01-25 July 2005
logo
Nexperia B.V. All right...
74AUP1G126 NEXPERIA-74AUP1G126 Datasheet
310Kb / 22P
   Low-power buffer/line driver; 3-state
Rev. 9 - 14 January 2022
74AUP1G125-Q100 NEXPERIA-74AUP1G125-Q100 Datasheet
265Kb / 18P
   Low-power buffer/line driver; 3-state
74AUP1G125 NEXPERIA-74AUP1G125 Datasheet
299Kb / 20P
   Low-power buffer/line driver; 3-state
Rev. 9 - 14 January 2022
logo
NXP Semiconductors
74AUP1G126 PHILIPS-74AUP1G126_15 Datasheet
378Kb / 25P
   Low-power buffer/line driver; 3-state
Rev. 5-28 June 2012
74AUP2G125 PHILIPS-74AUP2G125_15 Datasheet
299Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 10-8 February 2013
74AUP2G125 PHILIPS-74AUP2G125_11 Datasheet
163Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 8-2 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com