전자부품 데이터시트 검색엔진 |
|
74AUP1G125GM 데이터시트(PDF) 9 Page - NXP Semiconductors |
|
74AUP1G125GM 데이터시트(HTML) 9 Page - NXP Semiconductors |
9 / 21 page 74AUP1G125_2 © Koninklijke Philips Electronics N.V. 2006. All rights reserved. Product data sheet Rev. 02 — 30 June 2006 9 of 21 Philips Semiconductors 74AUP1G125 Low-power buffer/line driver; 3-state Tamb = 25 °C; CL = 10 pF tPHL, tPLH HIGH-to-LOW and LOW-to-HIGH propagation delay A to Y see Figure 7 VCC = 0.8 V - 24.0 - ns VCC = 1.1 V to 1.3 V 3.2 6.4 12.3 ns VCC = 1.4 V to 1.6 V 2.1 4.5 7.3 ns VCC = 1.65 V to 1.95 V 1.9 3.8 5.5 ns VCC = 2.3 V to 2.7 V 2.1 3.2 4.2 ns VCC = 3.0 V to 3.6 V 1.8 3.0 3.8 ns tPZH, tPZL OFF-state to HIGH and OFF-state to LOW propagation delay OE to Y see Figure 8 VCC = 0.8 V - 73.7 - ns VCC = 1.1 V to 1.3 V 3.6 6.9 13.5 ns VCC = 1.4 V to 1.6 V 2.3 4.8 7.7 ns VCC = 1.65 V to 1.95 V 2.0 3.9 5.8 ns VCC = 2.3 V to 2.7 V 1.8 3.2 4.3 ns VCC = 3.0 V to 3.6 V 1.7 3.0 3.9 ns tPHZ, tPLZ HIGH to OFF-state and LOW to OFF-state propagation delay OE to Y see Figure 8 VCC = 0.8 V - 32.7 - ns VCC = 1.1 V to 1.3 V 3.4 5.4 7.9 ns VCC = 1.4 V to 1.6 V 2.2 4.1 5.5 ns VCC = 1.65 V to 1.95 V 2.2 4.2 5.6 ns VCC = 2.3 V to 2.7 V 1.7 3.0 3.8 ns VCC = 3.0 V to 3.6 V 2.1 3.8 4.8 ns Tamb = 25 °C; CL = 15 pF tPHL, tPLH HIGH-to-LOW and LOW-to-HIGH propagation delay A to Y see Figure 7 VCC = 0.8 V - 27.4 - ns VCC = 1.1 V to 1.3 V 3.6 7.2 14.1 ns VCC = 1.4 V to 1.6 V 3.0 5.1 8.1 ns VCC = 1.65 V to 1.95 V 2.2 4.3 6.3 ns VCC = 2.3 V to 2.7 V 2.0 3.7 4.9 ns VCC = 3.0 V to 3.6 V 2.0 3.5 4.4 ns tPZH, tPZL OFF-state to HIGH and OFF-state to LOW propagation delay OE to Y see Figure 8 VCC = 0.8 V - 77.5 - ns VCC = 1.1 V to 1.3 V 4.0 7.7 15.2 ns VCC = 1.4 V to 1.6 V 3.0 5.3 8.4 ns VCC = 1.65 V to 1.95 V 2.3 4.4 6.5 ns VCC = 2.3 V to 2.7 V 2.1 3.6 5.0 ns VCC = 3.0 V to 3.6 V 2.0 3.5 4.5 ns Table 8: Dynamic characteristics …continued Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9 Symbol Parameter Conditions Min Typ [1] Max Unit |
유사한 부품 번호 - 74AUP1G125GM |
|
유사한 설명 - 74AUP1G125GM |