전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC1G157 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 74LVC1G157
상세설명  Single 2-input multiplexer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G157 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC1G157 Datasheet HTML 2Page - NXP Semiconductors 74LVC1G157 Datasheet HTML 3Page - NXP Semiconductors 74LVC1G157 Datasheet HTML 4Page - NXP Semiconductors 74LVC1G157 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G157 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G157 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G157 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G157 Datasheet HTML 9Page - NXP Semiconductors 74LVC1G157 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
74LVC1G157_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 12 July 2007
6 of 15
NXP Semiconductors
74LVC1G157
Single 2-input multiplexer
[1]
All typical values are measured at Tamb =25 °C.
11. Dynamic characteristics
[1]
Typical values are measured at Tamb =25 °C and VCC = 1.8 V, 2.5 V, 2.7 V, 3.3 V and 5.0 V respectively.
[2]
tpd is the same as tPLH and tPHL.
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
N = number of inputs switching;
Σ(CL × VCC2 × fo) = sum of the outputs.
IOFF
power-off
leakage
current
VCC = 0 V; VI or VO = 5.5 V
-
±0.1
±10
-
±20
µA
ICC
supply current
VI = 5.5 V or GND; IO = 0 A;
VCC = 1.65 V to 5.5 V
-
0.1
10
-
40
µA
∆ICC
additional
supply current
per pin; VCC = 2.3 V to 5.5 V;
VI =VCC − 0.6 V; IO =0 A
-
5
500
-
5000
µA
CI
input
capacitance
VCC = 3.3 V; VI = GND to VCC
-
2.5
-
-
-
pF
Table 7.
Static characteristics …continued
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for load circuit see Figure 9.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
I0, I1 to Y; see Figure 8
[2]
VCC = 1.65 V to 1.95 V
1.5
4.3
11.0
1.5
13.0
ns
VCC = 2.3 V to 2.7 V
1.0
2.9
6.1
1.0
7.6
ns
VCC = 2.7 V
1.0
3.1
5.6
1.0
7.0
ns
VCC = 3.0 V to 3.6 V
1.0
2.7
5.0
1.0
6.3
ns
VCC = 4.5 V to 5.5 V
0.5
2.2
4.0
0.5
5.0
ns
S to Y; see Figure 8
[2]
VCC = 1.65 V to 1.95 V
1.5
4.3
11.0
1.5
13.0
ns
VCC = 2.3 V to 2.7 V
1.0
2.9
6.9
1.0
8.6
ns
VCC = 2.7 V
1.0
3.3
5.9
1.0
7.4
ns
VCC = 3.0 V to 3.6 V
1.0
2.9
5.0
1.0
6.3
ns
VCC = 4.5 V to 5.5 V
0.5
2.3
4.0
0.5
5.0
ns
CPD
power dissipation
capacitance
VI = GND to VCC; VCC = 3.3 V
[3]
-18-
-
-
pF


유사한 부품 번호 - 74LVC1G157

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC1G157 NXP-74LVC1G157 Datasheet
196Kb / 18P
   Single 2-input multiplexer
Rev. 6-31 December 2012
logo
Nexperia B.V. All right...
74LVC1G157 NEXPERIA-74LVC1G157 Datasheet
241Kb / 1P
   Single 2-input multiplexer
Rev. 11 - 27 January 2022
74LVC1G157-Q100 NEXPERIA-74LVC1G157-Q100 Datasheet
200Kb / 12P
   Single 2-input multiplexer
logo
NXP Semiconductors
74LVC1G157GF NXP-74LVC1G157GF Datasheet
196Kb / 18P
   Single 2-input multiplexer
Rev. 6-31 December 2012
74LVC1G157GF NXP-74LVC1G157GF Datasheet
196Kb / 18P
   Single 2-input multiplexer
Rev. 6-31 December 2012
More results

유사한 설명 - 74LVC1G157

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC1G157GW NXP-74LVC1G157GW Datasheet
196Kb / 18P
   Single 2-input multiplexer
Rev. 6-31 December 2012
74LVC1G157GW-G NXP-74LVC1G157GW-G Datasheet
196Kb / 18P
   Single 2-input multiplexer
Rev. 6-31 December 2012
logo
Nexperia B.V. All right...
74LVC1G157 NEXPERIA-74LVC1G157 Datasheet
241Kb / 1P
   Single 2-input multiplexer
Rev. 11 - 27 January 2022
logo
Unisonic Technologies
U74LVC1G158 UTC-U74LVC1G158 Datasheet
163Kb / 5P
   SINGLE 2-INPUT MULTIPLEXER
logo
Nexperia B.V. All right...
74AXP1G157 NEXPERIA-74AXP1G157 Datasheet
811Kb / 16P
   Single 2-input multiplexer
74LVC1G157-Q100 NEXPERIA-74LVC1G157-Q100 Datasheet
200Kb / 12P
   Single 2-input multiplexer
logo
National Semiconductor ...
MM54HCT157 NSC-MM54HCT157 Datasheet
141Kb / 6P
   2-Input Multiplexer , Quad 2-Input Multiplexer (Inverted Output)
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com