전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74ACT273ME4 데이터시트(PDF) 6 Page - Texas Instruments

부품명 CD74ACT273ME4
상세설명  Octal D Flip-Flop with Reset
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT273ME4 데이터시트(HTML) 6 Page - Texas Instruments

Back Button CD74ACT273ME4 Datasheet HTML 2Page - Texas Instruments CD74ACT273ME4 Datasheet HTML 3Page - Texas Instruments CD74ACT273ME4 Datasheet HTML 4Page - Texas Instruments CD74ACT273ME4 Datasheet HTML 5Page - Texas Instruments CD74ACT273ME4 Datasheet HTML 6Page - Texas Instruments CD74ACT273ME4 Datasheet HTML 7Page - Texas Instruments CD74ACT273ME4 Datasheet HTML 8Page - Texas Instruments CD74ACT273ME4 Datasheet HTML 9Page - Texas Instruments CD74ACT273ME4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
Propagation Delay,
MR to Qn
tPLH, tPHL
1.5
-
-
154
-
-
169
ns
3.3
4.9
-
17.2
4.7
-
18.9
ns
5
3.5
-
12.3
3.4
-
13.5
ns
Input Capacitance
CI
-
-
-10-
-10
pF
Power Dissipation Capacitance
CPD
(Note 11)
-
-
45
-
-
45
-
pF
ACT TYPES
Propagation Delay,
CP to Qn
tPLH, tPHL
5
(Note 10)
3.5
-
12.3
3.4
-
13.5
ns
Propagation Delay,
MR to Qn
tPLH, tPHL
5
3.5
-
12.3
3.4
-
13.5
ns
Input Capacitance
CI
-
-
-10-
-10
pF
Power Dissipation Capacitance
CPD
(Note 11)
-
-
45
-
-
45
-
pF
NOTES:
8. Limits tested 100%.
9. 3.3V Min is at 3.6V, Max is at 3V.
10. 5V Min is at 5.5V, Max is at 4.5V.
11. CPD is used to determine the dynamic power consumption per flip-flop.
AC: PD = CPD VCC
2 f
i = ∑ (CL VCC
2 f
o)
ACT: PD =CPD VCC
2 f
i + ∑ (CL VCC
2 f
o)+VCC ∆ICC where fi = input frequency, fo = output frequency, CL = output load capacitance,
VCC = supply voltage.
FIGURE 1. PROPAGATION DELAY TIMES AND CLOCK
PULSE WIDTH
FIGURE 2. PREREQUISITE AND PROPAGATION DELAY
TIMES FOR MASTER RESET
Switching Specifications Input tr, tf = 3ns, CL = 50pF (Worst Case) (Continued)
PARAMETER
SYMBOL
VCC (V)
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
90%
tf
tr
VS
VS
VS
VS
VS
tPLH
tPHL
tW
10%
10%
CP
INPUT
LEVEL
Q
MR
CP
INPUT
LEVEL
VS
Q
VS
tREM
VS
VS
tPLH
tW
GND
INPUT
(Q)
CD54AC273, CD74AC273, CD54ACT273, CD74ACT273


유사한 부품 번호 - CD74ACT273ME4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74ACT273ME4 TI-CD74ACT273ME4 Datasheet
301Kb / 15P
[Old version datasheet]   Octal D Flip-Flop with Reset
More results

유사한 설명 - CD74ACT273ME4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD54AC273 TI-CD54AC273 Datasheet
301Kb / 15P
[Old version datasheet]   Octal D Flip-Flop with Reset
logo
Harris Corporation
CD54AC273 HARRIS-CD54AC273 Datasheet
10Kb / 1P
   Octal D Flip-Flop with Reset
logo
Texas Instruments
CD54AC273 TI-CD54AC273_08 Datasheet
485Kb / 17P
[Old version datasheet]   Octal D Flip-Flop with Reset
logo
KODENSHI_AUK CORP.
KK74HC273A KODENSHI-KK74HC273A Datasheet
242Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset
logo
Pericom Semiconductor C...
P174FCT2273T PERICOM-P174FCT2273T Datasheet
49Kb / 4P
   Fast CMOS Octal D Flip-Flop with Master Reset
logo
Integrated Device Techn...
7028L20PFI IDT-7028L20PFI Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
logo
Pericom Semiconductor C...
PI74FCT273T PERICOM-PI74FCT273T Datasheet
148Kb / 6P
   Fast CMOS Octal D Flip-Flop with Master Reset
logo
Integral Corp.
IN74ACT273 INTEGRAL-IN74ACT273 Datasheet
182Kb / 5P
   OCTAL D FLIP-FLOP WITH COMMON CLOCK AND RESET
logo
ON Semiconductor
MC74HC273 ONSEMI-MC74HC273 Datasheet
195Kb / 8P
   OCTAL D FLIP FLOP WITH COMMON CLOCK AND RESET
May, 2000 ??Rev. 9
logo
Integral Corp.
IN74HC273A INTEGRAL-IN74HC273A Datasheet
148Kb / 5P
   OCTAL D FLIP-FLOP WITH COMMON CLOCK AND RESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com