์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

M27C1024-35C3X ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - STMicroelectronics

๋ถ€ํ’ˆ๋ช… M27C1024-35C3X
์ƒ์„ธ๋‚ด์šฉ  1 Mbit (64Kb x16) UV EPROM and OTP EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  STMICROELECTRONICS [STMicroelectronics]
ํ™ˆํŽ˜์ด์ง€  http://www.st.com
Logo 

M27C1024-35C3X ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - STMicroelectronics

 
Zoom Inzoom in Zoom Outzoom out
/ 15 page
 1 / 15 page
background image
M27C1024
1 Mbit (64Kb x16) UV EPROM and OTP EPROM
September 1998
1/15
AI00702B
16
A0-A15
P
Q0-Q15
VPP
VCC
M27C1024
G
E
VSS
16
Figure 1. Logic Diagram
5V
ยฑ 10% SUPPLY VOLTAGE in READ
OPERATION
FAST ACCESS TIME: 35ns
LOW POWER CONSUMPTION:
โ€“ Active Current 35mA at 5MHz
โ€“ Standby Current 100
ยตA
PROGRAMMING VOLTAGE: 12.75V
ยฑ 0.25V
PROGRAMMING TIME: 100
ยตs/byte (typical)
ELECTRONIC SIGNATURE
โ€“ Manufacturer Code: 0020h
โ€“ Device Code: 008Ch
DESCRIPTION
The M27C1024 is a 1 Mbit EPROM offered in the
two ranges UV (ultra violet erase) and OTP (one
time programmable). It is ideally suited for micro-
processor systems requiring large data or program
storage and is organized as 65,536 words of 16
bits.
The FDIP40W (window ceramic frit-seal package)
has a transparent lid which allows the user to
expose the chip to ultraviolet light to erase the bit
pattern. A new pattern can then be written to the
device by following the programming procedure.
For application where the content is programmed
only one time and erasure is not required, the
M27C1024 is offered in PDIP40, PLCC44 and
TSOP40 (10 x 14mm) packages.
A0-A15
Address Inputs
Q0-Q15
Data Outputs
E
Chip Enable
G
Output Enable
P
Program
VPP
Program Supply
VCC
Supply Voltage
VSS
Ground
Table 1. Signal Names
1
40
FDIP40W (F)
PLCC44 (C)
TSOP40 (N)
10 x 14mm
1
40
PDIP40 (B)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn