전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M27C1024-45C3X 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 M27C1024-45C3X
상세설명  1 Mbit (64Kb x16) UV EPROM and OTP EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C1024-45C3X 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button M27C1024-45C3X Datasheet HTML 7Page - STMicroelectronics M27C1024-45C3X Datasheet HTML 8Page - STMicroelectronics M27C1024-45C3X Datasheet HTML 9Page - STMicroelectronics M27C1024-45C3X Datasheet HTML 10Page - STMicroelectronics M27C1024-45C3X Datasheet HTML 11Page - STMicroelectronics M27C1024-45C3X Datasheet HTML 12Page - STMicroelectronics M27C1024-45C3X Datasheet HTML 13Page - STMicroelectronics M27C1024-45C3X Datasheet HTML 14Page - STMicroelectronics M27C1024-45C3X Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
FDIP40W - 40 pin Ceramic Frit-seal DIP, with window
FDIPW-a
A3
A1
A
L
B1
B
e
D
S
E1
E
N
1
C
α
eA
D2
eB
A2
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
5.72
0.225
A1
0.51
1.40
0.020
0.055
A2
3.91
4.57
0.154
0.180
A3
3.89
4.50
0.153
0.177
B
0.41
0.56
0.016
0.022
B1
1.45
0.057
C
0.23
0.30
0.009
0.012
D
51.79
52.60
2.039
2.071
D2
48.26
1.900
E
15.24
0.600
E1
13.06
13.36
0.514
0.526
e
2.54
0.100
eA
14.99
1.900
eB
16.18
18.03
0.637
0.710
L
3.18
0.125
S
1.52
2.49
0.060
0.098
8.13
0.320
α
4
°
11
°
4
°
11
°
N40
40
Drawing is not to scale.
11/15
M27C1024


유사한 부품 번호 - M27C1024-45C3X

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
218Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
More results

유사한 설명 - M27C1024-45C3X

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M27W102 STMICROELECTRONICS-M27W102 Datasheet
104Kb / 15P
   1 Mbit 64Kb x16 Low Voltage UV EPROM and OTP EPROM
M27C4002 STMICROELECTRONICS-M27C4002 Datasheet
196Kb / 18P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C322 STMICROELECTRONICS-M27C322 Datasheet
112Kb / 13P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
April 2000
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C322 STMICROELECTRONICS-M27C322_06 Datasheet
196Kb / 24P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C202 STMICROELECTRONICS-M27C202 Datasheet
174Kb / 15P
   2 Mbit (128Kb x16) UV EPROM and OTP EPROM
M27V102 STMICROELECTRONICS-M27V102 Datasheet
116Kb / 15P
   1 Mbit (64Kb x 16) Low Voltage UV EPROM and OTP EPROM
May 1998
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27W402 STMICROELECTRONICS-M27W402 Datasheet
103Kb / 15P
   4 Mbit 256Kb x16 Low Voltage UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com