전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD54AC245 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 CD54AC245
상세설명  Octal-Bus Transceiver Three-State, Non-Inverting
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD54AC245 데이터시트(HTML) 7 Page - Texas Instruments

Back Button CD54AC245 Datasheet HTML 3Page - Texas Instruments CD54AC245 Datasheet HTML 4Page - Texas Instruments CD54AC245 Datasheet HTML 5Page - Texas Instruments CD54AC245 Datasheet HTML 6Page - Texas Instruments CD54AC245 Datasheet HTML 7Page - Texas Instruments CD54AC245 Datasheet HTML 8Page - Texas Instruments CD54AC245 Datasheet HTML 9Page - Texas Instruments CD54AC245 Datasheet HTML 10Page - Texas Instruments CD54AC245 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
NOTE:
14. For AC Series only: When VCC = 1.5V, RL = 1kΩ.
FIGURE 2. THREE-STATE PROPAGATION DELAY TIMES AND TEST CIRCUIT
FIGURE 3. PROPAGATION DELAY TIMES
DUT WITH
THREE-
STATE
OTHER
INPUTS
TIED HIGH
OR LOW
OUTPUT
DISABLE
GND (tPHZ, tPZH)
OPEN (tPHL, tPLH)
OUTPUT
RL
CL
50pF
2 VCC (tPLZ, tPZL)
(OPEN DRAIN)
500
RL
500
OUT
INPUT LEVEL
90%
VS
10%
GND
tr = 3ns
tPZL
0.2 VCC
VOL (≠ VCC)
0.8 VCC
OUTPUTS
ENABLED
OUTPUTS
DISABLED
VS
VS
OUTPUTS
ENABLED
tPLZ
tPHZ
tPZH
OUTPUTS
DISABLED
tf = 3ns
OUTPUT:
LOW TO OFF
TO LOW
OUTPUT:
HIGH TO OFF
TO HIGH
(NOTE 14)
tr = 3ns
INPUT
LEVEL
An
GND
Bn
tPLH
tf = 3ns
90%
VS
10%
VS
tPHL
DUT
OUTPUT
RL (NOTE)
OUTPUT
LOAD
500
CL
50pF
NOTE: For AC Series Only: When VCC = 1.5V, RL = 1kΩ.
FIGURE 4. PROPAGATION DELAY TIMES
AC
ACT
Input Level
VCC
3V
Input Switching Voltage, VS
0.5 VCC
1.5V
Output Switching Voltage, VS
0.5 VCC
0.5 VCC
CD54/74AC245, CD54/74ACT245


유사한 부품 번호 - CD54AC245

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CD54AC245 INTERSIL-CD54AC245 Datasheet
11Kb / 1P
   Octal-Bus Transceiver Three-State, Non-Inverting
June 1997
logo
Texas Instruments
CD54AC245 TI-CD54AC245 Datasheet
284Kb / 14P
[Old version datasheet]   Octal-Bus Transceiver, Three-State, Non-Inverting
CD54AC245 TI-CD54AC245 Datasheet
467Kb / 16P
[Old version datasheet]   Octal-Bus Transceiver, Three-State, Non-Inverting
logo
Intersil Corporation
CD54AC2453A INTERSIL-CD54AC2453A Datasheet
11Kb / 1P
   Octal-Bus Transceiver Three-State, Non-Inverting
June 1997
logo
Texas Instruments
CD54AC245F3A TI-CD54AC245F3A Datasheet
284Kb / 14P
[Old version datasheet]   Octal-Bus Transceiver, Three-State, Non-Inverting
More results

유사한 설명 - CD54AC245

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CD54AC245 INTERSIL-CD54AC245 Datasheet
11Kb / 1P
   Octal-Bus Transceiver Three-State, Non-Inverting
June 1997
logo
Texas Instruments
CD74AC245 TI-CD74AC245 Datasheet
38Kb / 8P
[Old version datasheet]   Octal-Bus Transceiver, Three-State, Non-Inverting
CD54AC245 TI-CD54AC245 Datasheet
284Kb / 14P
[Old version datasheet]   Octal-Bus Transceiver, Three-State, Non-Inverting
logo
Intersil Corporation
CD54ACT623F3A INTERSIL-CD54ACT623F3A Datasheet
17Kb / 3P
   Octal Bus Transceiver Three-State, Non-Inverting
July 1998
logo
Texas Instruments
CD54AC245 TI-CD54AC245_08 Datasheet
467Kb / 16P
[Old version datasheet]   Octal-Bus Transceiver, Three-State, Non-Inverting
logo
Intersil Corporation
HCS245MS INTERSIL-HCS245MS Datasheet
179Kb / 7P
   Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
December 1992
logo
Renesas Technology Corp
HCTS245MS RENESAS-HCTS245MS Datasheet
539Kb / 10P
   Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
September 1995
logo
Intersil Corporation
HCTS245T INTERSIL-HCTS245T Datasheet
93Kb / 3P
   Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
July 1999
HCTS245MS INTERSIL-HCTS245MS Datasheet
127Kb / 10P
   Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
September 1995
logo
Renesas Technology Corp
HCS245MS RENESAS-HCS245MS Datasheet
531Kb / 8P
   Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com