์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

M27C1024-20N3TR ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 6 Page - STMicroelectronics

๋ถ€ํ’ˆ๋ช… M27C1024-20N3TR
์ƒ์„ธ๋‚ด์šฉ  1 Mbit (64Kb x16) UV EPROM and OTP EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  STMICROELECTRONICS [STMicroelectronics]
ํ™ˆํŽ˜์ด์ง€  http://www.st.com
Logo 

M27C1024-20N3TR ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 6 Page - STMicroelectronics

Zoom Inzoom in Zoom Outzoom out
/ 15 page
 6 / 15 page
background image
Symbol
Alt
Parameter
Test Condition
M27C1024
Unit
-70
-80/-90
-10/-12/
-15/-20
Min
Max
Min
Max
Min
Max
tAVQV
tACC Address Valid to Output Valid
E = VIL,G = VIL
70
80
100
ns
tELQV
tCE
Chip Enable Low to Output Valid
G = VIL
70
80
100
ns
tGLQV
tOE
Output Enable Low to Output Valid
E = VIL
35
40
50
ns
tEHQZ
(2)
tDF
Chip Enable High to Output Hi-Z
G = VIL
0
30
0
30
0
30
ns
tGHQZ
(2)
tDF
Output Enable High to Output Hi-Z
E = VIL
0
30
0
30
0
30
ns
tAXQX
tOH
Address Transition to Output
Transition
E= VIL,G = VIL
000
ns
Notes: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously with or after VPP.
2. Sampled only, not 100% tested.
Table 8B. Read Mode AC Characteristics (1)
(TA = 0 to 70
ยฐC, โ€“40 to 85 ยฐC; โ€“40 to 105 ยฐC or โ€“40 to 125 ยฐC; VCC =5V ยฑ 5% or 5V ยฑ 10%; VPP =VCC)
AI00705B
tAXQX
tEHQZ
A0-A15
E
G
Q0-Q15
tAVQV
tGHQZ
tGLQV
tELQV
VALID
Hi-Z
VALID
Figure 5. Read Mode AC Waveforms
6/15
M27C1024


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn