전자부품 데이터시트 검색엔진 |
|
CD74HC173PWT 데이터시트(PDF) 5 Page - Texas Instruments |
|
CD74HC173PWT 데이터시트(HTML) 5 Page - Texas Instruments |
5 / 20 page 5 Three-State Leakage Current IOZ VIL or VIH -6 - - ±0.5 - ±0.5 - ±10 µA HCT TYPES High Level Input Voltage VIH - - 4.5 to 5.5 2- - 2 - 2 - V Low Level Input Voltage VIL - - 4.5 to 5.5 - - 0.8 - 0.8 - 0.8 V High Level Output Voltage CMOS Loads VOH VIH or VIL -0.02 4.5 4.4 - - 4.4 - 4.4 - V High Level Output Voltage TTL Loads -6 4.5 3.98 - - 3.84 - 3.7 - V Low Level Output Voltage CMOS Loads VOL VIH or VIL 0.02 4.5 - - 0.1 - 0.1 - 0.1 V Low Level Output Voltage TTL Loads 6 4.5 - - 0.26 - 0.33 - 0.4 V Input Leakage Current II VCC to GND 0 5.5 - - ±0.1 - ±1- ±1 µA Quiescent Device Current ICC VCC or GND 0 5.5 - - 8 - 80 - 160 µA Additional Quiescent Device Current Per Input Pin: 1 Unit Load ∆ICC (Note 3) VCC -2.1 - 4.5 to 5.5 - 100 360 - 450 - 490 µA Three-State Leakage Current IOZ VIL or VIH - 5.5 - - ±0.5 - ±5.0 - ±10 µA NOTE: 3. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA. DC Electrical Specifications (Continued) PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS VI (V) IO (mA) MIN TYP MAX MIN MAX MIN MAX HCT Input Loading Table INPUT UNIT LOADS D0-D3 0.15 E1 and E2 0.15 CP 0.25 MR 0.2 OE1 and OE2 0.5 NOTE: Unit Load is ∆ICC limit specified in DC Electrical Specifications table, e.g., 360 µA max at 25oC. CD54HC173, CD74HC173, CD54HCT173, CD74HCT173 |
유사한 부품 번호 - CD74HC173PWT |
|
유사한 설명 - CD74HC173PWT |