전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD6215A 데이터시트(PDF) 3 Page - Powerex Power Semiconductors

부품명 CD6215A
상세설명  POW-R-BLOK Dual SCR/Diode Isolated Module 150 Amperes / Up to 1600 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POWEREX [Powerex Power Semiconductors]
홈페이지  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CD6215A 데이터시트(HTML) 3 Page - Powerex Power Semiconductors

  CD6215A Datasheet HTML 1Page - Powerex Power Semiconductors CD6215A Datasheet HTML 2Page - Powerex Power Semiconductors CD6215A Datasheet HTML 3Page - Powerex Power Semiconductors CD6215A Datasheet HTML 4Page - Powerex Power Semiconductors CD6215A Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual SCR/Diode Isolated Module
150 Amperes / Up to 1600 Volts
Revision Date: 12/04/2002
CD62__15A
CD67__15A
Electrical Characteristics, TJ=25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Max.
Units
Repetitive Peak Forward Leakage Current
IDRM
Up to 1600V, TJ=125°C
50
mA
Repetitive Peak Reverse Leakage Current
IRRM
Up to 1600V, TJ=125°C
50
mA
Peak On-State Voltage
VTM / VFM
ITM / IFM =500A
1.54
V
Threshold Voltage, Low-level
Slope Resistance, Low-level
V(TO)1
rT1
TJ = 125°C, I = 16.7% x πIT(AV) to πIT(AV)
0.80
1.67
V
mΩ
Threshold Voltage, High-level
Slope Resistance, High-level
V(TO)2
rT2
TJ = 125°C, I = πIT(AV) to ITSM
0.98
1.38
V
mΩ
VTM Coefficients, Full Range
TJ = 125°C, I = 15% x IT(AV) to ITSM
VTM = A+ B Ln I +C I + D Sqrt I
A =
B =
C =
D =
0.5926
-1.10E-03
1.03E-03
0.0241
Minimum dV/dt
dV/dt
Exponential to 2/3 VDRM
Tj=125°C, Gate Open
1000
V/µs
Turn-On Time (Typical)
ton
ITM = 300A, VD = 2/3 VDRM dIg/dt =1A/µs
3
(Typical)
µs
Turn-Off Time (Typical)
t off
TJ = 125°C, IT= 300A, Rgk = 100Ω
Vr = 50V, -dI/dt=15 A/µs
Re-Applied dV/dt = 20V/µs,
Linear to 2/3 VDRM
50 - 200
(Typical)
µs
Gate Trigger Current
IGT
Tj= -40°C, VD=6V, Ra=1Ω, Resistive Load
Tj= 25°C, VD=6V, Ra=1Ω Resistive Load
Tj=125°C, VD=6V, Ra=1Ω, Resistive Load
270
150
80
mA
mA
mA
Gate Trigger Voltage
VGT
Tj= -40°C, VD=6V, Ra=1Ω, Resistive Load
Tj= 25°C, VD=6V, Ra=1Ω, Resistive Load
Tj=125°C, VD=6V, Ra=1Ω, Resistive Load
4.0
2.5
1.7
Volts
Volts
Volts
Non-Triggering Gate Voltage
VGDM
Tj=125°C, VD=VDRM
0.30
Volts
Non-Triggering Gate Current
IGDM
Tj=125°C, VD=VDRM
10
mA
Thermal Characteristics
Characteristics
Symbol
Max.
Units
Thermal Resistance, Junction to Case
DC Operation
RΘJ-C
Per Module, both conducting
Per Junction, both conducting
0.08
0.16
°C/W
°C/W
Thermal Impedance Coefficients
(Per Junction)
ZΘJ-C
ZΘJ-C= K1 (1-exp(-t/τ 1))
+ K2 (1-exp(-t/τ 2))
+ K3 (1-exp(-t/τ 3))
+ K4 (1-exp(-t/τ 4))
K1 =5.45334E-3
K2 =3.8509E+1
K3 = -3.5154E+1
K4 = -3.20
τ 1 =4.511E-5
τ 2 =1.3558E-1
τ 3 =1.3311E-1
τ 4 =1.5936E-1
Thermal Resistance, Case to Sink Lubricated
RΘC-S
Per Module
0.05
°C/W


유사한 부품 번호 - CD6215A

제조업체부품명데이터시트상세설명
logo
Powerex Power Semicondu...
CD6215B POWEREX-CD6215B Datasheet
115Kb / 4P
   Dual SCR/Diode Isolated Module 150 Amperes / Up to 1800 Volts
More results

유사한 설명 - CD6215A

제조업체부품명데이터시트상세설명
logo
Powerex Power Semicondu...
CD6315A POWEREX-CD6315A Datasheet
111Kb / 5P
   POW-R-BLOK Dual SCR Isolated Module 150 Amperes / Up to 1600 Volts
CD4290 POWEREX-CD4290 Datasheet
103Kb / 4P
   POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1600 Volts
LD4750 POWEREX-LD4750 Datasheet
102Kb / 5P
   POW-R-BLOK Dual SCR/Diode Isolated Module (500 Amperes / Up to 1600 Volts)
ND4225 POWEREX-ND4225 Datasheet
107Kb / 5P
   POW-R-BLOK Dual SCR/Diode Isolated Module (250 Amperes / Up to 1600 Volts)
CD42 POWEREX-CD42 Datasheet
106Kb / 4P
   POW-R-BLOK Dual SCR/Diode Isolated Module 40 Amperes / Up to 1600 Volts
CD4290A POWEREX-CD4290A Datasheet
106Kb / 4P
   POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1600 Volts
CD4390A POWEREX-CD4390A Datasheet
101Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 90 Amperes / Up to 1600 Volts
LD4350 POWEREX-LD4350 Datasheet
103Kb / 5P
   POW-R-BLOK Dual SCR Isolated Module (500 Amperes / Up to 1600 Volts)
CD4360 POWEREX-CD4360 Datasheet
102Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 60 Amperes / Up to 1600 Volts
CD4340 POWEREX-CD4340 Datasheet
102Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 40 Amperes / Up to 1600 Volts
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com