전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AUP1G74 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 74AUP1G74
상세설명  Low-power D-type flip-flop with set and reset; positive-edge trigger
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G74 데이터시트(HTML) 4 Page - NXP Semiconductors

  74AUP1G74 Datasheet HTML 1Page - NXP Semiconductors 74AUP1G74 Datasheet HTML 2Page - NXP Semiconductors 74AUP1G74 Datasheet HTML 3Page - NXP Semiconductors 74AUP1G74 Datasheet HTML 4Page - NXP Semiconductors 74AUP1G74 Datasheet HTML 5Page - NXP Semiconductors 74AUP1G74 Datasheet HTML 6Page - NXP Semiconductors 74AUP1G74 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G74 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G74 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
74AUP1G74_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 25 August 2006
4 of 23
Philips Semiconductors
74AUP1G74
Low-power D-type flip-flop with set and reset; positive-edge trigger
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level;
↑ = LOW-to-HIGH CP transition;
X = don’t care.
8.
Limiting values
Table 3.
Pin description
Symbol
Pin
Description
SOT765-1 and SOT833-1
SOT902-1
CP
1
7
clock input (LOW-to-HIGH, edge triggered)
D
2
6
data input
Q
3
5
complement flip-flop output
GND
4
4
ground (0 V)
Q
5
3
true flip-flop output
RD
6
2
asynchronous reset-direct (active LOW)
SD
7
1
asynchronous set-direct (active LOW)
VCC
8
8
supply voltage
Table 4.
Asynchronous operation[1]
Input
Output
SD
RD
CP
D
Q
Q
L
H
XXH
L
H
L
XXL
H
L
L
XXH
H
Table 5.
Synchronous operation[1]
Input
Output
SD
RD
CP
D
Qn+1
Qn+1
HH
LLH
HH
HHL
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+4.6
V
IIK
input clamping current
VI <0V
-
−50
mA
VI
input voltage
[1]
−0.5
+4.6
V
IOK
output clamping current
VO <0V
-
−50
mA
VO
output voltage
Active mode and Power-down mode
[1]
−0.5
+4.6
V
IO
output current
VO =0 VtoVCC
-
±20
mA
ICC
supply current
-
+50
mA


유사한 부품 번호 - 74AUP1G74

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP1G74 NXP-74AUP1G74 Datasheet
128Kb / 24P
   Low-power D-type flip-flop with set and reset; positive-edge trigger
Rev. 04-3 June 2008
logo
Nexperia B.V. All right...
74AUP1G74 NEXPERIA-74AUP1G74 Datasheet
349Kb / 26P
   Low-power D-type flip-flop with set and reset; positive-edge trigger
Rev. 13 - 23 January 2023
74AUP1G74-Q100 NEXPERIA-74AUP1G74-Q100 Datasheet
243Kb / 20P
   Low-power D-type flip-flop with set and reset; positive-edge trigger
logo
NXP Semiconductors
74AUP1G74DC NXP-74AUP1G74DC Datasheet
128Kb / 24P
   Low-power D-type flip-flop with set and reset; positive-edge trigger
Rev. 04-3 June 2008
logo
Nexperia B.V. All right...
74AUP1G74DC NEXPERIA-74AUP1G74DC Datasheet
349Kb / 26P
   Low-power D-type flip-flop with set and reset; positive-edge trigger
Rev. 13 - 23 January 2023
More results

유사한 설명 - 74AUP1G74

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP1G74 NXP-74AUP1G74 Datasheet
128Kb / 24P
   Low-power D-type flip-flop with set and reset; positive-edge trigger
Rev. 04-3 June 2008
logo
Nexperia B.V. All right...
74AUP1G74-Q100 NEXPERIA-74AUP1G74-Q100 Datasheet
243Kb / 20P
   Low-power D-type flip-flop with set and reset; positive-edge trigger
74AUP1G74 NEXPERIA-74AUP1G74 Datasheet
349Kb / 26P
   Low-power D-type flip-flop with set and reset; positive-edge trigger
Rev. 13 - 23 January 2023
logo
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
74LVC1G74DC.125 NXP-74LVC1G74DC.125 Datasheet
299Kb / 25P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 12-2 April 2013
logo
Integral Corp.
IN74LV74 INTEGRAL-IN74LV74 Datasheet
161Kb / 7P
   Dual D-type flip-flop with set and reset; positive-edge trigger
logo
Nexperia B.V. All right...
74HC74-Q100 NEXPERIA-74HC74-Q100 Datasheet
798Kb / 19P
   Dual D-type flip-flop with set and reset; positive edge-trigger
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74LV74 NEXPERIA-74LV74 Datasheet
251Kb / 15P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 5 - 24 March 2021
logo
NXP Semiconductors
74LVC1G74 NXP-74LVC1G74_10 Datasheet
202Kb / 25P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 9-5 August 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com