전자부품 데이터시트 검색엔진 |
|
TL071ACDG4 데이터시트(PDF) 8 Page - Texas Instruments |
|
|
TL071ACDG4 데이터시트(HTML) 8 Page - Texas Instruments |
8 / 41 page TL071, TL071A, TL071B, TL072 TL072A, TL072B, TL074, TL074A, TL074B LOW NOISE JFET INPUT OPERATIONAL AMPLIFIERS SLOS080J − SEPTEMBER 1978 − REVISED MARCH 2005 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics, VCC± = ±15 V (unless otherwise noted) TL071M TL074M PARAMETER TEST CONDITIONS† TA‡ TL071M TL072M TL074M UNIT PARAMETER TEST CONDITIONS† TA‡ MIN TYP MAX MIN TYP MAX UNIT VIO Input offset voltage VO = 0, RS = 50 Ω 25 °C 3 6 3 9 mV VIO Input offset voltage VO = 0, RS = 50 Ω Full range 9 15 mV αV IO Temperature coefficient of input offset voltage VO = 0, RS = 50 Ω Full range 18 18 µV/°C IIO Input offset current VO = 0 25 °C 5 100 5 100 pA IIO Input offset current VO = 0 Full range 20 20 nA IIB Input bias current‡ VO = 0 25 °C 65 200 65 200 pA IIB Input bias current‡ VO = 0 50 50 nA VICR Common-mode input voltage range 25 °C ±11 −12 to 15 ±11 −12 to 15 V Maximum peak output RL = 10 kΩ 25 °C ±12 ±13.5 ±12 ±13.5 VOM Maximum peak output voltage swing RL ≥ 10 kΩ Full range ±12 ±12 V VOM voltage swing RL ≥ 2 kΩ Full range ±10 ±10 AVD Large-signal differential VO = ±10 V, RL ≥ 2 kΩ 25 °C 35 200 35 200 V/mV AVD Large-signal differential voltage amplification VO = ±10 V, RL ≥ 2 kΩ 15 15 V/mV B1 Unity-gain bandwidth TA = 25°C 3 3 MHz ri Input resistance TA = 25°C 1012 1012 Ω CMRR Common-mode rejection VIC = VICRmin, 25 °C 80 86 80 86 dB CMRR Common-mode rejection ratio VO = 0, RS = 50 Ω 25 °C 80 86 80 86 dB kSVR Supply-voltage rejection VCC = ±9 V to ±15 V, 25 °C 80 86 80 86 dB kSVR Supply-voltage rejection ratio ( ∆VCC±/∆VIO) VO = 0, RS = 50 Ω 25 °C 80 86 80 86 dB ICC Supply current (each amplifier) VO = 0, No load 25 °C 1.4 2.5 1.4 2.5 mA VO1/VO2 Crosstalk attenuation AVD = 100 25 °C 120 120 dB † Input bias currents of an FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive, as shown in Figure 4. Pulse techniques must be used that will maintain the junction temperature as close to the ambient temperature as possible. ‡ All characteristics are measured under open-loop conditions with zero common-mode voltage, unless otherwise specified. Full range is TA = −55°C to 125°C. |
유사한 부품 번호 - TL071ACDG4 |
|
유사한 설명 - TL071ACDG4 |