전자부품 데이터시트 검색엔진 |
|
SN74TVC3010DBQRG4 데이터시트(PDF) 11 Page - Texas Instruments |
|
|
SN74TVC3010DBQRG4 데이터시트(HTML) 11 Page - Texas Instruments |
11 / 19 page PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) SN74TVC3010DBQR ACTIVE SSOP/ QSOP DBQ 24 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR SN74TVC3010DBQRE4 ACTIVE SSOP/ QSOP DBQ 24 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR SN74TVC3010DBQRG4 ACTIVE SSOP/ QSOP DBQ 24 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR SN74TVC3010DGVR ACTIVE TVSOP DGV 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74TVC3010DGVRE4 ACTIVE TVSOP DGV 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74TVC3010DGVRG4 ACTIVE TVSOP DGV 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74TVC3010DW ACTIVE SOIC DW 24 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74TVC3010DWE4 ACTIVE SOIC DW 24 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74TVC3010DWG4 ACTIVE SOIC DW 24 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74TVC3010DWR ACTIVE SOIC DW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74TVC3010DWRE4 ACTIVE SOIC DW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74TVC3010DWRG4 ACTIVE SOIC DW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74TVC3010PW ACTIVE TSSOP PW 24 60 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74TVC3010PWE4 ACTIVE TSSOP PW 24 60 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74TVC3010PWG4 ACTIVE TSSOP PW 24 60 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74TVC3010PWR ACTIVE TSSOP PW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74TVC3010PWRE4 ACTIVE TSSOP PW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74TVC3010PWRG4 ACTIVE TSSOP PW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes. Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and PACKAGE OPTION ADDENDUM www.ti.com 24-May-2007 Addendum-Page 1 |
유사한 부품 번호 - SN74TVC3010DBQRG4 |
|
유사한 설명 - SN74TVC3010DBQRG4 |