전자부품 데이터시트 검색엔진 |
|
TPIC2802 데이터시트(PDF) 4 Page - Texas Instruments |
|
TPIC2802 데이터시트(HTML) 4 Page - Texas Instruments |
4 / 13 page TPIC2802 OCTAL INTELLIGENT-POWER SWITCH WITH SERIAL INPUT SLIS013 – APRIL 1992 2–4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating temperature range (unless otherwise noted) Supply voltage range, VCC (see Note 1) – 0.3 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage, VI 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output voltage range, SO – 0.3 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input current, II –15 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Peak output sink current at Y, IO repetitive, tw = 10 ms, duty cycle = 50%, (see Notes 2 and 3) internally limited . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous output current at Y, IO (see Note 3) 1 A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Peak current through GND terminal: Nonrepetitive tw = 0.2 ms – 8 A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Repetitive tw = 10 ms, duty cycle = 50% – 6 A . . . . . . . . . . . . . . . . . . . . Continuous current through GND terminal – 4.5 A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Single-pulse avalanche energy rating, EAS (see Note 4) 20 mJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Avalanche current, IAS(max) (see Note 5) 1 A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous dissipation at (or below) TA = 25°C (see Note 6) 3.575 W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous dissipation at (or below) TC = 75°C (see Note 6) 25 W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating case or virtual-junction temperature range – 55 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg – 65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds 260 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . NOTES: 1. All voltage values are with respect to network GND. 2. Each Y output is individually current limited with a typical overcurrent limit of about 1.8 A. 3. Multiple Y outputs of this device can conduct rated current simultaneously; however, power dissipation (average) over a short time interval must fall within the continuous dissipation range and the GND terminal current range. 4. VCC = 20 V, starting TJ = 25°C, L = 310 mH, IAS = 0.28 A. 5. VCC = 10 V, starting TJ = 25°C, L = 8 mH, IAS = 1 A (see Figure 6). 6. For operation above 25 °C free-air temperature, derate linearly at the rate of 28.6 mW/°C. For operation above 75°C case temperature, derate linearly at the rate of 333 mW/ °C. To avoid exceeding the maximum virtual-junction temperature, these ratings must not be exceeded. recommended operating conditions MIN NOM MAX UNIT Supply voltage, VCC 4.75 5 5.25 V High-level input voltage, VIH 0.75 VCC 5.25 V Low-level input voltage, VIL – 0.3 0.2 VCC V Output voltage, VO(off) 45 V Continuous output current, IO(on) 1 A Operating case temperature, TC –40 25 105 °C electrical characteristics over recommended operating virtual junction temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT ICC Supply current All outputs on, IO = 0.5 A at all outputs 50 mA ICC Supply current All outputs off, TJ = 25°C 4 10 mA |
유사한 부품 번호 - TPIC2802 |
|
유사한 설명 - TPIC2802 |