전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AKD7780 데이터시트(PDF) 5 Page - Asahi Kasei Microsystems

부품명 AKD7780
상세설명  24-bit stereo ADC?셲, a mono ADC and a stereo SRC.
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AKM [Asahi Kasei Microsystems]
홈페이지  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD7780 데이터시트(HTML) 5 Page - Asahi Kasei Microsystems

  AKD7780 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD7780 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD7780 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD7780 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD7780 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD7780 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD7780 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD7780 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD7780 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
[AKD7780]
<KM090600>
2007/09
- 5 -
Evaluation Board Manual
Operation sequence
1.
Set up the power supply lines.
[+12V]
(red) = +12V
[-12V]
(blue) = -12V
[GND]
(black) = 0V
Each supply line should be distributed from the power supply unit.
2.
Set up the jumper pins (according to the follows).
3.
Connect the needed connector (according to the follows).
4.
Power on.
5.
Set up the register via PC (according to the follows).
Evaluation Mode
(1) ADC with external DIT
1. Connection of connector
For analog input, RCA1(AIN1L)/RCA2(AIN1R) or RCA3(AIN2L)/RCA4(AIN2R) or RCA5(AIN MONO) is
available.
For digital output, optical connector PORT2 (TOTX141) is available.
2. Setting of jumper pins for analog output (JP12 – JP18)
According to Table 3. / Table 4. / Table 5.
3. Set up the FPGA and AK7780 control register via PC.
(2) SRC with external DIR, DIT
1. Connection of connector
For digital input, optical connector PORT1 (TORX141) is available.
For digital output optical connector PORT2 (TOTX141) is available.
2. Set up the FPGA and AK7780 control register via PC.
Register Control
It is possible to control AKD7780 via printer port (parallel port) of IBM-AT compatible PC. Connect the P1
port on board to PC with the packed cable.
Control software is packed with this board. The software operation sequence is included in the evaluation board
manual.
Indication for LED
[LED] : U17
When power is supplied , LED is lighted to red. Monitor the PC_RQ_N signal and change the color
when the board is communicating with PC.


유사한 부품 번호 - AKD7780

제조업체부품명데이터시트상세설명
logo
Asahi Kasei Microsystem...
AKD7780 AKM-AKD7780 Datasheet
514Kb / 28P
   24bit 5ch ADC & SRC Audio DSP
More results

유사한 설명 - AKD7780

제조업체부품명데이터시트상세설명
logo
Wolfson Microelectronic...
WM8738 WOLFSON-WM8738 Datasheet
157Kb / 15P
   24 BIT STEREO ADC
WM8738 WOLFSON-WM8738_06 Datasheet
137Kb / 18P
   24 Bit Stereo ADC
logo
Cirrus Logic
WM8782A CIRRUS-WM8782A Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
logo
Wolfson Microelectronic...
WM8782 WOLFSON-WM8782_10 Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8781 WOLFSON-WM8781 Datasheet
240Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786 Datasheet
238Kb / 22P
   24-Bit, 192kHz Stereo ADC
WM8785 WOLFSON-WM8785_06 Datasheet
313Kb / 31P
   24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786_07 Datasheet
277Kb / 24P
   24-Bit, 192kHz Stereo ADC
logo
Cirrus Logic
WM8782 CIRRUS-WM8782 Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8781 CIRRUS-WM8781 Datasheet
293Kb / 21P
   24-Bit, 192kHz Stereo ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com