전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML12038 데이터시트(PDF) 1 Page - LANSDALE Semiconductor Inc.

부품명 ML12038
상세설명  1.1 GHz Low Power Dual Modulus Prescaler
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LANSDALE [LANSDALE Semiconductor Inc.]
홈페이지  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12038 데이터시트(HTML) 1 Page - LANSDALE Semiconductor Inc.

  ML12038 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML12038 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML12038 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12038 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12038 Datasheet HTML 5Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.lansdale.com
Page 1 of 5
Issue 0
ML12038
1.1 GHz Low Power
Dual Modulus Prescaler
Legacy Device: Motorola MC12038A
The ML12038 can be used with CMOS synthesizers requiring
positive edges to trigger internal counters such as Lansdale’s
ML145xxx series in a PLL to provide tuning signals up to 1.1 GHz
in programmable frequency steps.
A Divide Ratio Control (SW) permits selection of a 127/128 or
255/256 divide ratio as desired.
The Modulus Control (MC) selects the proper divide number
after SW has been biased to select the desired divide ratio.
• 1.1 GHz Toggle Frequency
• Supply Voltage 4.5 to 5.5 V
• Low Power 4.8 mA Typical
• Operating Temperature Range TA = –40° to +85°C
• Short Set Up Time (tset) 16ns Maximum @ 1.1 GHz
• Modulus Control Input Level is Compatible With Standard
CMOS and TTL
• On–Chip Output Termination
127
128
255
256
Criteria
ML12038PP
ML12038-5P
ML12038AP
ML12038AD
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from ML to MLE.


유사한 부품 번호 - ML12038

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
ML12038-5P LANSDALE-ML12038-5P Datasheet
464Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
ML12038AD LANSDALE-ML12038AD Datasheet
464Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
ML12038AP LANSDALE-ML12038AP Datasheet
464Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
ML12038PP LANSDALE-ML12038PP Datasheet
464Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
ML12038 LANSDALE-ML12038_08 Datasheet
464Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
More results

유사한 설명 - ML12038

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
ML12038 LANSDALE-ML12038_08 Datasheet
464Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
logo
Motorola, Inc
MC12058 MOTOROLA-MC12058 Datasheet
260Kb / 6P
   1.1 GHz Low Power Dual Modulus Prescaler
logo
ON Semiconductor
MC12026A ONSEMI-MC12026A_06 Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
MC12026A ONSEMI-MC12026A Datasheet
50Kb / 8P
   1.1 GHz Dual Modulus Prescaler
November, 2001 ??Rev. 7
MC12026A ONSEMI-MC12026A_16 Datasheet
141Kb / 6P
   1.1GHz Dual Modulus Prescaler
August, 2016 ??Rev. 9
logo
LANSDALE Semiconductor ...
ML12052 LANSDALE-ML12052_08 Datasheet
106Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler
ML12052 LANSDALE-ML12052 Datasheet
292Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler
logo
Motorola, Inc
MC12052A MOTOROLA-MC12052A Datasheet
252Kb / 4P
   1.1 GHz Super Low Power Dual Modulus Prescaler
MC12053A MOTOROLA-MC12053A Datasheet
252Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler With Stand-By Mode
logo
LANSDALE Semiconductor ...
ML12054A LANSDALE-ML12054A_08 Datasheet
94Kb / 4P
   2.0 GHz Super Low Power Dual Modulus Prescaler
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com