전자부품 데이터시트 검색엔진 |
|
ML12040 데이터시트(PDF) 5 Page - LANSDALE Semiconductor Inc. |
|
ML12040 데이터시트(HTML) 5 Page - LANSDALE Semiconductor Inc. |
5 / 5 page LANSDALE Semiconductor, Inc. ML12040 www.lansdale.com Page 5 of 5 Issue 0 P DIP 14 = CP PLASTIC PACKAGE (ML12040CP) CASE 646–06 ISSUE M 17 14 8 B A DIM MIN MAX MIN MAX MILLIMETERS INCHES A 0.715 0.770 18.16 18.80 B 0.240 0.260 6.10 6.60 C 0.145 0.185 3.69 4.69 D 0.015 0.021 0.38 0.53 F 0.040 0.070 1.02 1.78 G 0.100 BSC 2.54 BSC H 0.052 0.095 1.32 2.41 J 0.008 0.015 0.20 0.38 K 0.115 0.135 2.92 3.43 L M ––– 10 ––– 10 N 0.015 0.039 0.38 1.01 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. F HG D K C SEATING PLANE N –T– 14 PL M 0.13 (0.005) L M J 0.290 0.310 7.37 7.87 OUTLINE DIMENSIONS Lansdale Semiconductor reserves the right to make changes without further notice to any products herein to improve reliabili- ty, function or design. Lansdale does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others. “Typical” parameters which may be provided in Lansdale data sheets and/or specifications can vary in different applications, and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by the customer’s technical experts. Lansdale Semiconductor is a registered trademark of Lansdale Semiconductor, Inc. PLCC 20 = -4P CASE 775-02 Plastic Package (ML12040-4P) |
유사한 부품 번호 - ML12040 |
|
유사한 설명 - ML12040 |