전자부품 데이터시트 검색엔진 |
|
ML12052 데이터시트(PDF) 5 Page - LANSDALE Semiconductor Inc. |
|
ML12052 데이터시트(HTML) 5 Page - LANSDALE Semiconductor Inc. |
5 / 5 page www.lansdale.com Page 5 of 5 Issue A PLASTIC PACKAGE (ML12052-5P) CASE 751-06 SO = -5P (SO–8) ISSUE T SEATING PLANE 1 4 5 8 A 0.25 M CB SS 0.25 M B M h C θ θ X 45° L DIM MIN MAX MILLIMETERS A 1.35 1.75 A1 0.10 0.25 B 0.35 0.49 C 0.19 0.25 D 4.80 5.00 E 1.27 BSC e 3.80 4.00 H 5.80 6.20 h 0° 7° L 0.40 1.25 0.25 0.50 NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. DIMENSIONS ARE IN MILLIMETER. 3. DIMENSION D AND E DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 5. DIMENSION B DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOW ABLE DAMBAR PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS OF THE B DIMENSION AT MAXIMUM MATERIAL CONDITION. D E H A B e B A1 C A 0.10 OUTLINE DIMENSIONS Lansdale Semiconductor reserves the right to make changes without further notice to any products herein to improve reliabili- ty, function or design. Lansdale does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others. “Typical” parameters which may be provided in Lansdale data sheets and/or specifications can vary in different applications, and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by the customer’s technical experts. Lansdale Semiconductor is a registered trademark of Lansdale Semiconductor, Inc. LANSDALE Semiconductor, Inc. ML12052 |
유사한 부품 번호 - ML12052 |
|
유사한 설명 - ML12052 |