전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC112061P 데이터시트(PDF) 1 Page - LANSDALE Semiconductor Inc.

부품명 MC112061P
상세설명  Crystal Oscillator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LANSDALE [LANSDALE Semiconductor Inc.]
홈페이지  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC112061P 데이터시트(HTML) 1 Page - LANSDALE Semiconductor Inc.

  MC112061P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC112061P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC112061P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC112061P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC112061P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC112061P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC112061P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC112061P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC112061P Datasheet HTML 9Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.lansdale.com
Page 1 of 9
Issue A
ML12061
Crystal Oscillator
Legacy Device: Motorola MC12061
The ML12061 is for use with an external crystal to form a crys-
tal controlled oscillator. In addition to the fundamental series mode
crystal, two bypass capacitors are required (plus usual power sup-
ply pin bypass capacitors). Translators are provided internally for
MECL and TTL outputs.
• Frequency Range = 2.0 to 20 MHz
• Operating Temperature Range = 0 to + 70°C
• Single Supply Operation: +5.0 Vdc or –5.2 V DC
• Three Outputs Available:
1.Complementary Sine Wave (600 mVpp typ)
2.Complementary MECL
3.Single Ended TTL
P DIP 16 = EP
PLASTIC PACKAGE
CASE 648
16
1
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
P DIP 16
MC112061P
ML12061EP
LANSDALE
PACKAGE
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from ML to MLE.
Figure 1. Block Diagram
Note: 0.1
µF power supply
pin bypass capacitors
not shown.
Voltage
Reg.
Bias
Bypass
0.1
µF
AGC
Filter
0.1
µF
VCC
Sine Wave
Output
MECL
Output
71 VCC
43
2
14
15
16
VCC
13
12
11
VCC
Crystal
Osc.
AGC
Ampl./
AGC
Sine
to
MECL
MECL
to
TTL
Trans-
lator
10
TTL
Output
–+
–+
5
6
Crystal
8VEE
VEE
9


유사한 부품 번호 - MC112061P

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
MC112061P LANSDALE-MC112061P Datasheet
366Kb / 9P
   Crystal Oscillator
More results

유사한 설명 - MC112061P

제조업체부품명데이터시트상세설명
logo
Vectron International, ...
PX-340 VECTRON-PX-340_11 Datasheet
254Kb / 4P
   Crystal Oscillator
logo
Epson ToYoCom
SG-771PCD EPSONTOYOCOM-SG-771PCD Datasheet
366Kb / 2P
   CRYSTAL OSCILLATOR
SG-8002JC EPSONTOYOCOM-SG-8002JC Datasheet
533Kb / 4P
   CRYSTAL OSCILLATOR
SG-8002LB EPSONTOYOCOM-SG-8002LB Datasheet
491Kb / 4P
   CRYSTAL OSCILLATOR
TCO-7085X1A EPSONTOYOCOM-TCO-7085X1A Datasheet
359Kb / 2P
   CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-7000-DAC-D VECTRON-PX-7000-DAC-D Datasheet
449Kb / 6P
   Crystal Oscillator
logo
Epson Company
SG-8002CE EPSON-SG-8002CE Datasheet
576Kb / 6P
   CRYSTAL OSCILLATOR
logo
Motorola, Inc
MC12061 MOTOROLA-MC12061 Datasheet
96Kb / 9P
   Crystal Oscillator
logo
Epson Company
SG-8003CG-PCB EPSON-SG-8003CG-PCB Datasheet
1Mb / 3P
   CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-571 VECTRON-PX-571 Datasheet
1Mb / 8P
   Crystal Oscillator
logo
NIHON DEMPA KOGYO
NH37M28LN NDK-NH37M28LN Datasheet
695Kb / 1P
   Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com