전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML12202D 데이터시트(PDF) 6 Page - LANSDALE Semiconductor Inc.

부품명 ML12202D
상세설명  MECL PLL Components Serial Input PLL Frequency Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LANSDALE [LANSDALE Semiconductor Inc.]
홈페이지  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12202D 데이터시트(HTML) 6 Page - LANSDALE Semiconductor Inc.

Back Button ML12202D Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML12202D Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12202D Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12202D Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML12202D Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML12202D Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML12202D Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML12202D Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML12202D Datasheet HTML 10Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LANSDALE Semiconductor, Inc.
ML12202
www.lansdale.com
Page 6 of 11
Issue A
PHASE CHARACTERISTICS/VCO CHARACTERISTICS
The phase comparator in the ML12202 is a high speed digital phase frequency detector circuit. The circuit determines the
“lead”or “lag” phase relationship and time difference between the leading edges of the VCO (fp) signal and the reference (fr)
input. Since these edges occur only once per cycle, the detector has a range of ±2
π radians. The phase comparator outputs are
standard CMOS rail–to–rail levels (VP to GND for
φP and VCC to GND for φR), designed for up to 20MHz operation into a
15pF load. These phase comparator outputs can be used along with an external charge pump to enhance the PLL characteristics.
The operation of the phase comparator is shown in Figures 3 and 5. The phase characteristics of the phase comparator are con-
trolled by the FC pin. The polarity of the phase comparator outputs,
φR and φP, as well as the charge pump output Do can be
reversed by switching the FC pin.


유사한 부품 번호 - ML12202D

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ML1220 ETC2-ML1220 Datasheet
134Kb / 4P
   Lithium Manganese Dioxide Rechargeable Batteries
logo
Panasonic Battery Group
ML1220 PANASONICBATTERY-ML1220 Datasheet
38Kb / 1P
   Manganese Lithium Coin Batteries
logo
Maxwell Technologies
ML1220 MAXWELL-ML1220 Datasheet
432Kb / 2P
   Lithium Manganese Dioxide Rechargeable Battery
April 2011
ML1220 MAXWELL-ML1220 Datasheet
1,002Kb / 9P
   LITHIUM MANGANESE DIOXIDE RECHARGEABLE BATTERY
ML1220T13 MAXWELL-ML1220T13 Datasheet
1,002Kb / 9P
   LITHIUM MANGANESE DIOXIDE RECHARGEABLE BATTERY
More results

유사한 설명 - ML12202D

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC12206 MOTOROLA-MC12206 Datasheet
148Kb / 12P
   MECL PLL COMPONENTS Serial Input PLL Frequency Synthesizer
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
LANSDALE Semiconductor ...
ML12210 LANSDALE-ML12210 Datasheet
453Kb / 11P
   Serial Input PLL Frequency Synthesizer
ML12210 LANSDALE-ML12210_08 Datasheet
145Kb / 11P
   Serial Input PLL Frequency Synthesizer
logo
Fujitsu Component Limit...
MB1502 FUJITSU-MB1502 Datasheet
244Kb / 15P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Nippon Precision Circui...
PLL200 NPC-PLL200 Datasheet
629Kb / 7P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com