전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML12210 데이터시트(PDF) 9 Page - LANSDALE Semiconductor Inc.

부품명 ML12210
상세설명  Serial Input PLL Frequency Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LANSDALE [LANSDALE Semiconductor Inc.]
홈페이지  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12210 데이터시트(HTML) 9 Page - LANSDALE Semiconductor Inc.

Back Button ML12210 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12210 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12210 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML12210 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML12210 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML12210 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML12210 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML12210 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML12210 Datasheet HTML 11Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
www.lansdale.com
Page 9 of 11
Issue A
LANSDALE Semiconductor, Inc.
ML12210
ELECTRICAL CHARACTERISTICS (VCC = 2.7 to 5.5 V; TA = –40 to +85°C, unless otherwise noted.)
Parameter
Symbol
Min
Typ
Max
Unit
Condition
Supply Current for VCC
ICC
8.8
13.0
mA
Note 1
10.2
16.0
Note 2
Supply Current for VP
IP
0.7
1.1
mA
Note 3
0.8
1.3
Note 4
Operating Frequency
fINmax
fINmin
FIN
2500
500
MHz
Note 5
Operating Frequency (OSCin)
FOSC
12
20
MHz
Crystal Mode
40
MHz
External Reference Mode
Input Sensitivity
fIN
VIN
200
1000
mVpp
OSCin
VOSC
500
2200
mVpp
Input HIGH Voltage
CLK, DATA, LE, FC
VIH
0.7 VCC
V
Input LOW Voltage
CLK, DATA, LE, FC
VIL
0.3 VCC
V
VCC = 5.5 V
Input HIGH Current (DATA and CLK)
IIH
1.0
2.0
µA
VCC = 5.5 V
Input LOW Current (DATA and CLK)
IIL
–10
–5.0
µA
VCC = 5.5 V
Input Current (OSCin)
IOSC
130
–310
µA
OSCin = VCC
OSCin = VCC – 2.2 V
Input HIGH Current (LE and FC)
IIH
1.0
2.0
µA
Input LOW Current (LE and FC)
IIL
–75
–60
µA
Charge Pump Output Current
ISource6
–2.6
–2.0
–1.4
mA
VDo = Vp/2; Vp = 2.7 V
Do and BISW
ISink6
+1.4
+2.0
+2.6
VBISW = Vp/2; Vp = 2.7 V
IHi–Z
–15
+15
nA
0.5< VDO < Vp – 0.5
0.5 < VBISW < Vp – 0.5
Output HIGH Voltage (LD,
φR, φP, fOUT)
VOH
4.4
V
VCC = 5.0 V
2.4
V
VCC = 3.0 V
Output LOW Voltage (LD,
φR, φP, fOUT)
VOL
0.4
V
VCC = 5.0 V
0.4
V
VCC = 3.0 V
Output HIGH Current (LD,
φR, φP, fOUT)
IOH
–1.0
mA
Output LOW Current (LD,
φR, φP, fOUT)
IOL
1.0
mA
1. VCC = 3.3 V, all outputs open.
4. Vp = 6.0 V, all outputs open.
2. VCC = 5.5 V, all outputs open.
5. AC coupling, FIN measured with a 1000 pF capacitor.
3. VP = 3.3 V, all outputs open.
6. Source current flows out of the pin and sink current flows into the pin.
Figure 8. Typical External Charge Pump Circuit
φP
EXTERNAL CHARGE
PUMP OUTPUT
φR
Vp
10 k
10 k
12 k
12 k
Figure 9. Typical Lock Detect Circuit
LD
LOCK DETECT
OUTPUT
VCC
100 k
10 k
33 k
0.01
µF


유사한 부품 번호 - ML12210

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
ML12210 LANSDALE-ML12210 Datasheet
145Kb / 11P
   Serial Input PLL Frequency Synthesizer
ML12210-5P LANSDALE-ML12210-5P Datasheet
145Kb / 11P
   Serial Input PLL Frequency Synthesizer
ML12210 LANSDALE-ML12210_08 Datasheet
145Kb / 11P
   Serial Input PLL Frequency Synthesizer
More results

유사한 설명 - ML12210

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Fujitsu Component Limit...
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
logo
LANSDALE Semiconductor ...
ML12210 LANSDALE-ML12210_08 Datasheet
145Kb / 11P
   Serial Input PLL Frequency Synthesizer
logo
Fujitsu Component Limit...
MB1502 FUJITSU-MB1502 Datasheet
244Kb / 15P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Nippon Precision Circui...
PLL200 NPC-PLL200 Datasheet
629Kb / 7P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC12202 MOTOROLA-MC12202 Datasheet
165Kb / 12P
   Serial Input PLL Frequency Synthesizer
logo
Fujitsu Component Limit...
MB1507 FUJITSU-MB1507 Datasheet
117Kb / 14P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com