전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML13146-9P 데이터시트(PDF) 1 Page - LANSDALE Semiconductor Inc.

부품명 ML13146-9P
상세설명  Low Power DC - 1.8 GHz Transmitter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LANSDALE [LANSDALE Semiconductor Inc.]
홈페이지  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13146-9P 데이터시트(HTML) 1 Page - LANSDALE Semiconductor Inc.

  ML13146-9P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML13146-9P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML13146-9P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13146-9P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13146-9P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13146-9P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13146-9P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13146-9P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13146-9P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.lansdale.com
Page 1 of 15
Issue 0
ML13146
Low Power DC – 1.8 GHz
Transmitter
Legacy Device: Motorola MC13146
The ML13146 is an integrated RF transmitter targeted at ISM band
applications. It features a 50
Ω linear Mixer with linearity control, voltage
controlled oscillator, divide by 64/65 dual modulus Prescaler and Low
Power Amplifier (LPA). Together with the receiver chip (ML13145) and
either baseband chip (MC33410 or MC33411A/B), a complete 900 MHz
cordless phone system can be implemented. This device may be used in
applications up to 1.8 GHz.
• Low Distortion LPA: Pout_1dB Compression Point 10 dBm
• High Mixer Linearity: IIP3 = 10 dBm
• 50
Ω Mixer Input Impedance
• Differential Open Collector Mixer Output
• Low Power 64/65 Dual Modulus Prescaler (ML12054 type)
• 2.7 to 6.5 V Operation, Low Current Drain (25 mA @ 2.0 GHz)
• Powerdown Mode: <60 µA
• Usable up to 1.8 GHz
• Operating Temperature Range TA = –20° to 70°C
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from ML to MLE.
LOW POWER INTEGRATED TRANSMITTER FOR ISM BAND APPLICATIONS
SEMICONDUCTOR TECHNICAL DATA


유사한 부품 번호 - ML13146-9P

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
ML13146-9P LANSDALE-ML13146-9P Datasheet
2Mb / 15P
   Low Power DC ??1.8 GHz Transmitter
More results

유사한 설명 - ML13146-9P

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
ML13146 LANSDALE-ML13146_08 Datasheet
2Mb / 15P
   Low Power DC ??1.8 GHz Transmitter
logo
Motorola, Inc
MC13142 MOTOROLA-MC13142 Datasheet
165Kb / 16P
   LOW POWER DC - 1.8 GHz LNA, MIXER and VCO
logo
Texas Instruments
CC2550 TI-CC2550_11 Datasheet
740Kb / 59P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2550RSTR TI1-CC2550RSTR Datasheet
1Mb / 61P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2550 TI1-CC2550_13 Datasheet
1Mb / 61P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC1150 TI1-CC1150_16 Datasheet
1Mb / 67P
[Old version datasheet]   Low Power Sub-1 GHz RF Transmitter
CC1150 TI-CC1150_13 Datasheet
1Mb / 67P
[Old version datasheet]   Low Power Sub-1 GHz RF Transmitter
CC1150 TI-CC1150_10 Datasheet
1Mb / 66P
[Old version datasheet]   Low Power Sub-1 GHz RF Transmitter
CC1150 TI1-CC1150_17 Datasheet
1Mb / 67P
[Old version datasheet]   Low Power Sub-1 GHz RF Transmitter
logo
Microchip Technology
MICRF114 MICROCHIP-MICRF114 Datasheet
1Mb / 34P
   Low-Power Integrated Sub-GHz Wireless RF Transmitter
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com