전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML144110 데이터시트(PDF) 5 Page - LANSDALE Semiconductor Inc.

부품명 ML144110
상세설명  Digital-to-Analog Converters with Serial Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LANSDALE [LANSDALE Semiconductor Inc.]
홈페이지  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML144110 데이터시트(HTML) 5 Page - LANSDALE Semiconductor Inc.

  ML144110 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML144110 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML144110 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML144110 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML144110 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML144110 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML144110 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML144110 Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.lansdale.com
Page 5 of 8
LANSDALE Semiconductor, Inc.
ML144110, ML144111
Figure 2. Definition of Step Size
VRn OUT
STEP
SIZE
DIGITAL NUMBER
Step Size =
± 0.75
VDD
64
VDD
64
(For any adjacent pair of digital numbers)
Figure 3. Serial Input, Positive Clock
Din
D1
D2
DN
C2
C1
CN
ENB
CLK
tsu
twH
twL
th
th
tsu
50%
50%
Figure 4. Serial Input, Negative Clock
Din
D1
D2
DN
C2
C1
CN
ENB
CLK
tsu
twL
twH
th
th
tsu
Issue A


유사한 부품 번호 - ML144110

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
ML144110 LANSDALE-ML144110 Datasheet
199Kb / 8P
   Digital?뱓o?밃nalog Converters with Serial Interface
ML144110-6P LANSDALE-ML144110-6P Datasheet
199Kb / 8P
   Digital?뱓o?밃nalog Converters with Serial Interface
ML144110VP LANSDALE-ML144110VP Datasheet
199Kb / 8P
   Digital?뱓o?밃nalog Converters with Serial Interface
ML144110 LANSDALE-ML144110_08 Datasheet
199Kb / 8P
   Digital?뱓o?밃nalog Converters with Serial Interface
More results

유사한 설명 - ML144110

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC144110 FREESCALE-MC144110 Datasheet
683Kb / 12P
   Digital-to-Analog Converters with Serial Interface
logo
Texas Instruments
TLC548C TI-TLC548C Datasheet
167Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI-TLC0831C Datasheet
206Kb / 14P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI1-TLC0831C_14 Datasheet
915Kb / 21P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0834C TI1-TLC0834C_14 Datasheet
794Kb / 20P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831 TI1-TLC0831 Datasheet
656Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI-TLC0831C_08 Datasheet
386Kb / 16P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0838INE4 TI-TLC0838INE4 Datasheet
782Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV1549C TI1-TLV1549C_14 Datasheet
598Kb / 20P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC1549C TI-TLC1549C Datasheet
238Kb / 15P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com