전자부품 데이터시트 검색엔진 |
|
ML145159DW1 데이터시트(PDF) 3 Page - LANSDALE Semiconductor Inc. |
|
ML145159DW1 데이터시트(HTML) 3 Page - LANSDALE Semiconductor Inc. |
3 / 10 page www.lansdale.com Page 3 of 10 Issue A LANSDALE Semiconductor, Inc. ML145159 ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS except ICR and IAPD which are referenced to VSS′) – 40 °C 25 °C 85 °C Characteristic Symbol VDD Min Max Min Max Min Max Unit Power Supply Voltage Range VDD — 3 9 3 9 3 9 V Output Voltage 0 Level Vin = 0 V or VDD Iout = 0 µA VOL 3 5 9 — — — 0.05 0.05 0.05 — — — 0.05 0.05 0.05 — — — 0.05 0.05 0.05 V (Except OSCout and APDout) 1 Level VOH 3 5 9 2.95 4.95 8.95 — — — 2.95 4.95 8.95 — — — 2.95 4.95 8.95 — — — Output Voltage 0 Level OSCout Vin = 0 V or VDD VOL 3 5 9 — — — 0.9 1.5 2.7 — — — 0.9 1.5 2.7 — — — 0.9 1.5 2.7 V 1 Level VOH 3 5 9 2.1 3.5 6.3 — — — 2.1 3.5 6.3 — — — 2.1 3.5 6.3 — — — ∆Voltage, VCH – VAPDout, IAPDout ≈ 0 µA ∆V — — — — 1.05 — — V Input Voltage 0 Level Vout = 0.5 V or VDD – 0.5 V (All Outputs Except OSCout) VIL 3 5 9 — — — 0.9 1.5 2.7 — — — 0.9 1.5 2.7 — — — 0.9 1.5 2.7 V 1 Level VIH 3 5 9 2.1 3.5 6.3 — — — 2.1 3.5 6.3 — — — 2.1 3.5 6.3 — — — Input Voltage* — OSCin VO = 2.1 V or 0.9 V 0 Level VO = 3.5 V or 1.5 V VO = 6.3 V or 2.7 V VIL 3 5 9 — — — 0 0 0 — — — 0 0 0 — — — 0 0 0 V 1 Level VO = 0.9 V or 2.1 V VO = 1.5 V or 3.5 V VO = 2.7 V or 6.3 V VIH 3 5 9 3.0 5.0 9.0 — — — 3.0 5.0 9.0 — — — 3.0 5.0 9.0 — — — V Output Current — MC Vout = 2.7 V Source Vout = 4.6 V Vout = 8.5 V IOH 3 5 9 – 0.60 – 0.90 – 1.50 — — — – 0.50 – 0.75 – 1.25 — — — – 0.30 – 0.50 – 0.80 — — — mA Vout = 0.3 V Sink Vout = 0.4 V Vout = 0.5 V IOL 3 5 9 1.30 1.90 3.80 — — — 1.10 1.70 3.30 — — — 0.66 1.08 2.10 — — — Output Current, CR, VCR = 4.5 V, RR = 240 k ICR 9 — — – 90 – 110 — — µA Output Current, APDout RO = 240 k, VCH = 0 V, VAPDout = 4.5 V IAPD 9 — — 170 350 — — µA Output Current — Other Outputs Vout = 2.7 V Source Vout = 4.6 V Vout = 8.5 V IOH 3 5 9 – 0.44 – 0.64 – 1.30 — — — – 0.35 – 0.51 – 1.00 — — — – 0.22 – 0.36 – 0.70 — — — mA Vout = 0.3 V Sink Vout = 0.4 V Vout = 0.5 V IOL 3 5 9 0.44 0.64 1.30 — — — 0.35 0.51 1.00 — — — 0.22 0.36 0.70 — — — Input Current — Data, CLK, ENB Iin 9 — ± 0.3 — ± 0.1 — ± 1.0 µA Input Current — fin, OSCin Iin 9 ± 2 ± 50 ± 2 ± 25 ± 2 ± 22 µA Input Capacitance Cin — — 10 — 10 — 10 pF Three–State Output Capacitance — FSO Cout — — 10 — 10 — 10 pF Quiescent Current Vin = 0 V or VDD Iout = 0 µA IDD 3 5 9 — — — 800 1200 1600 — — — 800 1200 1600 — — — 1600 2400 3200 µA Three–State Leakage Current, Vout = 0 V or 9 V IOZ 9 — ± 0.3 — ± 0.1 — ± 3.0 µA * DC coupled square wave. |
유사한 부품 번호 - ML145159DW1 |
|
유사한 설명 - ML145159DW1 |