전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC145162D 데이터시트(PDF) 2 Page - LANSDALE Semiconductor Inc.

부품명 MC145162D
상세설명  60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers CMOS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LANSDALE [LANSDALE Semiconductor Inc.]
홈페이지  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC145162D 데이터시트(HTML) 2 Page - LANSDALE Semiconductor Inc.

  MC145162D Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC145162D Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC145162D Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC145162D Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC145162D Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC145162D Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC145162D Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC145162D Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC145162D Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
www.lansdale.com
Page 2 of 24
Issue 0
LANSDALE Semiconductor, Inc.
ML145162
4
25
D
C
B
A
OSCout
OSCin
MCUCLK
ADin
ENB
Din
CLK
TxPS/fTx
fin–R
fin–T
RxPS/fRx
3/
4
fR2
fR1
LD
RxPDout
TxPDout
12–BIT PROGRAMMABLE
REFERENCE COUNTER
12–BIT SHIFT
REGISTER
MCU INTERFACE PROGRAMMING
MODE CONTROL
CONTROL REGISTER
Tx
PHASE
DETECTOR
14–BIT PROGRAMMABLE
AUXILIARY REFERENCE
COUNTER
14–BIT SHIFT
REGISTER
16–BIT SHIFT REGISTER
16–BIT SHIFT REGISTER
16–BIT Tx PROGRAMMABLE
COUNTER
16–BIT Rx PROGRAMMABLE
COUNTER
Rx
PHASE
DETECTOR
7
8
5
2
1
3
4
13
11
14
9
15
16
10
TRANSMIT
SELECT
RECEIVE
SELECT
VDD = PIN 12
VSS = PIN 6
BLOCK DIAGRAM


유사한 부품 번호 - MC145162D

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC145162D MOTOROLA-MC145162D Datasheet
153Kb / 24P
   60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
logo
LANSDALE Semiconductor ...
MC145162D LANSDALE-MC145162D Datasheet
436Kb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
logo
Motorola, Inc
MC145162D1 MOTOROLA-MC145162D1 Datasheet
153Kb / 24P
   60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
More results

유사한 설명 - MC145162D

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
ML145162 LANSDALE-ML145162_08 Datasheet
436Kb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
logo
Motorola, Inc
MC145162 MOTOROLA-MC145162 Datasheet
153Kb / 24P
   60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
logo
Hynix Semiconductor
GM6535 HYNIX-GM6535 Datasheet
225Kb / 23P
   60 MHz Universal Programmable Dual PLL Frequency synthesizer
logo
Sanyo Semicon Device
LC7152 SANYO-LC7152 Datasheet
272Kb / 12P
   Universal Dual-PLL Frequency Synthesizers
LC7153 SANYO-LC7153 Datasheet
276Kb / 11P
   Universal Dual-PLL Frequency Synthesizers?
logo
Freescale Semiconductor...
MC145151-2 FREESCALE-MC145151-2 Datasheet
600Kb / 24P
   PLL Frequency Synthesizers (CMOS)
logo
NXP Semiconductors
MC145151-2 NXP-MC145151-2 Datasheet
916Kb / 24P
   PLL Frequency Synthesizers (CMOS)
Rev. 5, 12/2004
logo
Sanyo Semicon Device
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
   Dual-PLL Frequency Synthesizers?
LM7007M SANYO-LM7007M Datasheet
228Kb / 9P
   Dual-PLL Frequency Synthesizers
logo
Analog Devices
ADF4217 AD-ADF4217_15 Datasheet
247Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com