전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML145407RP 데이터시트(PDF) 1 Page - LANSDALE Semiconductor Inc.

부품명 ML145407RP
상세설명  5 Volt Only Driver/Receiver RS232 EIA-232-E and CCITT V.28
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LANSDALE [LANSDALE Semiconductor Inc.]
홈페이지  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145407RP 데이터시트(HTML) 1 Page - LANSDALE Semiconductor Inc.

  ML145407RP Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145407RP Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145407RP Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145407RP Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145407RP Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145407RP Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145407RP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145407RP Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.lansdale.com
Page 1 of 8
Issue A
ML145407
5 Volt Only Driver/Receiver
RS232 EIA–232–E and CCITT V.28
Legacy Device: Motorola MC145407
The ML145407 is a silicon–gate CMOS IC that combines three
drivers and three receivers to fulfill the electrical specifications of
RS232 EIA–232–E and CCITT V.28 while operating from a single + 5
V power supply. A voltage doubler and inverter convert the + 5V to ±
10 V. This is accomplished through an on–board 20 kHz oscillator
and four inexpensive external electrolytic capacitors. The three drivers
and three receivers of the ML145407 are virtually identical to those of
the ML145406. Therefore, for applications requiring more than three
drivers and/or three receivers, an ML145406 can be powered from an
ML145407, since the ML145407 charge pumps have been designed to
guarantee ± 5 V at the output of up to six drivers. Thus, the
ML145407 provides a high–performance, low–power, stand–alone
solution or, with the ML145406, a + 5 V only, high–performance
two–chip solution.
This device offers the following performance features:
• Operating Temperature Range = TA –40° to +85°C
Drivers
• ± 7.5 V Output Swing
• 300
Ω Power–Off Impedance
• Output Current Limiting
• TTL and CMOS Compatible Inputs
• Slew Rate Range Limited from 4 V/µs to 30 V/µs
Receivers
• + 25 V Input Range
• 3 to 7 k
Ω Input Impedance
• 0.8 V Hysteresis for Enhanced Noise Immunity
Charge Pumps
• + 5 V to ± 10 V Dual Charge Pump Architecture
• Supply Outputs Capable of Driving Three On–Chip Drivers and
Three Drivers on the ML145406 Simultaneously
• Requires Four Inexpensive Electrolytic Capacitors
• On–Chip 20 kHz Oscillator
P DIP 20 = RP
PLASTIC DIP
CASE 738
SOG 20 = -6P
SOG PACKAGE
CASE 751D
20
1
20
1
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
P DIP 20
MC145407P
ML145407RP
SOG 20
MC145407DW
ML145407-6P
LANSDALE
PACKAGE
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from ML to MLE.
R
R
D
R
D
D
C2+
GND
C2–
VSS
Rx1
Tx1
Rx2
Tx2
Rx3
Tx3
C1+
VCC
C1–
VDD
DO1
DI1
DO2
DI2
DO3
DI3
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
PIN ASSIGNMENT
D = DRIVER
R = RECEIVER


유사한 부품 번호 - ML145407RP

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
ML145407RP LANSDALE-ML145407RP Datasheet
173Kb / 8P
   5 Volt Only Driver
More results

유사한 설명 - ML145407RP

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
ML145406 LANSDALE-ML145406_08 Datasheet
208Kb / 10P
   Driver/Receiver EIA 232?밇 and CCITT V.28
ML145583 LANSDALE-ML145583 Datasheet
527Kb / 7P
   3.3 Volt Only Driver/Receiver with an Integrated Standby Mode RS 232/EIA-232-E and CCITT V.28
ML145406 LANSDALE-ML145406 Datasheet
759Kb / 10P
   Driver/Receiver EIA 232-E and CCITT V.28 (Formerly RS-232-D)
ML145403 LANSDALE-ML145403 Datasheet
916Kb / 8P
   Drivers/Receivers RS 232/EIA-232-E and CCITT V.28
logo
NXP Semiconductors
MC145406 PHILIPS-MC145406 Datasheet
90Kb / 5P
   EIA-232-D/V.28 driver/receiver
August 31, 1994
logo
LANSDALE Semiconductor ...
ML145403 LANSDALE-ML145403_08 Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
logo
Integral Corp.
IN145406 INTEGRAL-IN145406 Datasheet
112Kb / 3P
   EIA-232-E / V.28 DRIVERS/RECEIVERS
logo
Motorola, Inc
MC145407 MOTOROLA-MC145407 Datasheet
178Kb / 8P
   5 VOLT ONLY DRIVER / RECEIVER
logo
National Semiconductor ...
DS14185 NSC-DS14185 Datasheet
173Kb / 8P
   EIA/TIA-232 3 Driver x 5 Receiver
DS14196 NSC-DS14196 Datasheet
131Kb / 7P
   EIA/TIA-232 5 Driver x 3 Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com