전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7922DN 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI7922DN
상세설명  Dual N-Channel 100-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7922DN 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI7922DN_07 Datasheet HTML 1Page - Vishay Siliconix SI7922DN_07 Datasheet HTML 2Page - Vishay Siliconix SI7922DN_07 Datasheet HTML 3Page - Vishay Siliconix SI7922DN_07 Datasheet HTML 4Page - Vishay Siliconix SI7922DN_07 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si7922DN
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 72031
S-21976—Rev. A, 04-Nov-02
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
2
4
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
VDS = 80 V, VGS = 0 V
1
m
Zero Gate Voltage Drain Current
IDSS
VDS = 80 V, VGS = 0 V, TJ = 85_C
5
mA
On-State Drain Currenta
ID(on)
VDS w 5 V, VGS = 10 V
10
A
a
VGS = 10 V, ID = 2.5 A
0.162
0.195
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 6 V, ID = 2.3 A
0.190
0.230
W
Forward Transconductancea
gfs
VDS = 10 V, ID = 2.5 A
5.3
S
Diode Forward Voltagea
VSD
IS = 2.2 A, VGS = 0 V
0.8
1.2
V
Dynamicb
Total Gate Charge
Qg
5.2
8
Gate-Source Charge
Qgs
VDS = 50 V, VGS = 10 V, ID = 2.5 A
1.1
nC
Gate-Drain Charge
Qgd
1.9
Gate Resistance
RG
1.7
W
Turn-On Delay Time
td(on)
7
15
Rise Time
tr
VDD = 50 V, RL = 50 W
11
20
Turn-Off Delay Time
td(off)
VDD = 50 V, RL = 50 W
ID ^ 1 A, VGEN = 4.5 V, RG = 6 W
8
15
ns
Fall Time
tf
11
20
Source-Drain Reverse Recovery Time
trr
IF = 2.2 A, di/dt = 100 A/ms
40
80
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
2
4
6
8
10
0123456
0
2
4
6
8
10
0
123
4567
8
VGS = 10 thru 6 V
TC = 125_C
-55
_C
5 V
25
_C
Output Characteristics
Transfer Characteristics
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
4 V
3 V


유사한 부품 번호 - SI7922DN_07

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7922DN VISHAY-SI7922DN_06 Datasheet
206Kb / 4P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. B, 20-Feb-06
More results

유사한 설명 - SI7922DN_07

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI5980DU VISHAY-SI5980DU Datasheet
118Kb / 7P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. A, 11-Jan-10
SI7942DP VISHAY-SI7942DP_06 Datasheet
206Kb / 4P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. B, 27-Feb-06
SI7942DP VISHAY-SI7942DP Datasheet
89Kb / 6P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. A, 03-Mar-03
logo
Analog Power
AM4990N ANALOGPOWER-AM4990N Datasheet
166Kb / 3P
   Dual N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SIS990DN VISHAY-SIS990DN Datasheet
568Kb / 13P
   Dual N-Channel 100 V (D-S) MOSFET
Rev. A, 12-Aug-13
SIS990DN VISHAY-SIS990DN_V01 Datasheet
571Kb / 13P
   Dual N-Channel 100 V (D-S) MOSFET
01-Jan-2022
SI7252DP VISHAY-SI7252DP_V01 Datasheet
382Kb / 13P
   Dual N-Channel 100 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
VBA3104N VBSEMI-VBA3104N Datasheet
745Kb / 9P
   Dual N-Channel 100 V (D-S) MOSFET
VBA3108N VBSEMI-VBA3108N Datasheet
654Kb / 9P
   Dual N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SI4982DY VISHAY-SI4982DY Datasheet
40Kb / 4P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. B, 26-May-03
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com