전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF1405ZL-7PPBF 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRF1405ZL-7PPBF
상세설명  HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 4.9m廓 , ID = 120A )
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF1405ZL-7PPBF 데이터시트(HTML) 1 Page - International Rectifier

  IRF1405ZL-7PPBF Datasheet HTML 1Page - International Rectifier IRF1405ZL-7PPBF Datasheet HTML 2Page - International Rectifier IRF1405ZL-7PPBF Datasheet HTML 3Page - International Rectifier IRF1405ZL-7PPBF Datasheet HTML 4Page - International Rectifier IRF1405ZL-7PPBF Datasheet HTML 5Page - International Rectifier IRF1405ZL-7PPBF Datasheet HTML 6Page - International Rectifier IRF1405ZL-7PPBF Datasheet HTML 7Page - International Rectifier IRF1405ZL-7PPBF Datasheet HTML 8Page - International Rectifier IRF1405ZL-7PPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
IRF1405ZS-7PPbF
IRF1405ZL-7PPbF
HEXFET® Power MOSFET
VDSS = 55V
RDS(on) = 4.9mى
ID = 120A
12/07/06
www.irf.com
1
AUTOMOTIVE MOSFET
HEXFET® is a registered trademark of International Rectifier.
Description
Specifically designed for Automotive applications,
this HEXFET® Power MOSFET utilizes the latest
processing techniques to achieve extremely low
on-resistance per silicon area. Additional features
of this design are a 175°C junction operating
temperature, fast switching speed and improved
repetitive avalanche rating . These features com-
bine to make this design an extremely efficient
and reliable device for use in Automotive applica-
tions and a wide variety of other applications.
S
D
G
Features
l
Advanced Process Technology
l
Ultra Low On-Resistance
l
175°C Operating Temperature
l
Fast Switching
l
Repetitive Avalanche Allowed up to Tjmax
l
Lead-Free
S (Pin 2, 3, 5, 6, 7)
G (Pin 1)
Absolute Maximum Ratings
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
A
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V (See Fig. 9)
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Package Limited)
IDM
Pulsed Drain Current
c
PD @TC = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
EAS
Single Pulse Avalanche Energy (Thermally Limited)
d
mJ
EAS (tested)
Single Pulse Avalanche Energy Tested Value
h
IAR
Avalanche Current
c
A
EAR
Repetitive Avalanche Energy
g
mJ
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
Mounting torque, 6-32 or M3 screw
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
j
–––
0.65
°C/W
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
RθJA
Junction-to-Ambient
j
–––
62
RθJA
Junction-to-Ambient (PCB Mount, steady state)
ij
–––
40
10 lbf•in (1.1N•m)
230
1.5
± 20
250
810
See Fig.12a,12b,15,16
300 (1.6mm from case )
-55 to + 175
Max.
150
100
590
120
D2Pak 7 Pin
TO-263CA 7 Pin
PD - 97206A


유사한 부품 번호 - IRF1405ZL-7PPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF1405ZL-7P IRF-IRF1405ZL-7P Datasheet
688Kb / 11P
   AUTOMOTIVE MOSFET
More results

유사한 설명 - IRF1405ZL-7PPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF1405ZPBF IRF-IRF1405ZPBF Datasheet
812Kb / 13P
   AUTOMOTIVE MOSFET ( VDSS = 55V , RDS(on) = 4.9m廓 , ID = 75A )
IRFR5305PBF IRF-IRFR5305PBF Datasheet
248Kb / 11P
   HEXFET짰 Power MOSFET ( VDSS = -55V , RDS(on) = 0.065廓 , ID = -31A )
IRFZ46N IRF-IRFZ46N_04 Datasheet
190Kb / 9P
   HEXFET짰 Power MOSFET(VDSS = 55V,RDS(on) = 16.5m廓,ID = 53A)
IRFZ44ZPBF IRF-IRFZ44ZPBF Datasheet
291Kb / 13P
   HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 13.9m廓 , ID = 51A )
IRFR2905ZPBF IRF-IRFR2905ZPBF Datasheet
278Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 14.5m廓 , ID = 42A )
IRLP3803 IRF-IRLP3803 Datasheet
295Kb / 8P
   HEXFET짰 Power MOSFET(VDSS = 30V,RDS(on) = 0.006Ohm,ID = 120A)
IRF7342PBF IRF-IRF7342PBF Datasheet
159Kb / 7P
   HEXFET짰 Power MOSFET (VDSS = -55V , RDS(on) = 0.105廓)
IRLZ34NSPBF IRF-IRLZ34NSPBF Datasheet
297Kb / 11P
   HEXFET Power MOSFET ( VDSS = 55V , RDS(on) = 0.035廓 , ID = 30A )
IRF1407SPBF IRF-IRF1407SPBF Datasheet
258Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 75V , RDS(on) = 0.0078廓 , ID = 100A )
IRFZ44VZPBF IRF-IRFZ44VZPBF Datasheet
355Kb / 13P
   HEXFET짰 Power MOSFET ( VDSS = 60V , RDS(on) = 12m廓 , ID = 57A )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com